PART |
Description |
Maker |
AT49HF010 AT49HF010-45JC AT49HF010-45JI AT49HF010- |
1-Megabit (128K x 8) 5-volt only CMOS flash memory, 40mA active, 0.3mA standby THERMISTOR, NTC; Series:B578; Thermistor type:NTC; Resistance:3kR; Tolerance, resistance: /-1%; Beta value:3988; Temperature, lower limit, beta DB25SC37 DSUB 1-Megabit 128K x 8 5-volt Only CMOS Flash Memory 128K X 8 FLASH 5V PROM, 55 ns, PDIP32 1-Megabit 128K x 8 5-volt Only CMOS Flash Memory 128K X 8 FLASH 5V PROM, 55 ns, PQCC32
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
AM28F010A AM28F010A-120EC AM28F010A-120ECB AM28F01 |
1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt/ Bulk Erase Flash Memory with Embedded Algorithms 0.5MM, ZIF, SMT, 42 POSITION, EMBOSS TAPE T&R RoHS Compliant: Yes CAP 100PF 1500V 20% NP0(C0G) SMD-1808 TR-13 PLATED-NI/SN 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位128亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位128亩8位)CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 1兆位28亩8位)的CMOS 12.0伏,整体擦除闪存的嵌入式记忆算法 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 200 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 70 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 120 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 90 ns, PQCC32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 150 ns, PDSO32 1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms 128K X 8 FLASH 12V PROM, 70 ns, PDSO32
|
Advanced Micro Devices, Inc. SPANSION LLC ADVANCED MICRO DEVICES INC
|
AM29F010-1 AM29F010-120DGC1 AM29F010-120DGE1 AM29F |
1 megabit CMOS 5.0 volt-only, uniform sector flash memory- die revision 1 1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash MemoryDie Revision 1 1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1 128K X 8 FLASH 5V PROM, 120 ns, UUC30 1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1 128K X 8 FLASH 5V PROM, 90 ns, UUC30 Evaluation Board for LM3202 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers 128K X 8 FLASH 5V PROM, 90 ns, UUC30 LM3202 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers; Package: MICRO SMD; No of Pins: 8 1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only Uniform Sector Flash Memory-Die Revision 1 1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only/ Uniform Sector Flash Memory-Die Revision 1
|
ADVANCED MICRO DEVICES INC PROM Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
AT29C010A-12PI AT29C010A02 AT29C010A-15TI AT29C010 |
1-Megabit (128K x 8) 5-volt Only Flash Memory
|
ATMEL Corporation
|
AT29C010A-70JU AT29C010A-90JU AT29C010A-90TU AT29C |
1-megabit (128K x 8) 5-volt Only Flash Memory
|
ATMEL Corporation
|
AT29BV010A-12JU AT29BV010A-12TU AT29BV010A-15JU AT |
1-Megabit (128K x 8) Single 2.7-volt Battery-Voltage Flash Memory
|
ATMEL Corporation
|
AT28C010 AT28C010-12 AT28C010-12DM_883 AT28C010-15 |
1 Megabit 128K x 8 Paged CMOS E2PROM 1 Megabit (128K x 8) From old datasheet system
|
ATMEL[ATMEL Corporation]
|
EN29LV010-70TI EN29LV010-70TC EN29LV010-90SC EN29L |
1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
|
Eon Silicon Solution Inc. Eon Silicon Solution In...
|
AT49LV1614AT AT49BV1614AT-90TI AT49BV1614A-90TI AT |
AT49BV1604A(T)/AT49BV/LV1614A(T) [Updated 3/02. 26 Pages] 16M bit . 2.7-Volt(BV)/ 3.0 - Volt (LV). Sectored Flash. Dual Plane. Top or Bottom Boot 16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory 1M X 16 FLASH 3V PROM, 70 ns, PDSO48 16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory 16兆位100万x 16/2M × 8 3伏,只有闪存
|
Atmel Corp. Atmel, Corp.
|
AT49LV2048A AT49BV2048A AT49LV2048A-70TC AT49LV204 |
2M bit, 3.0-Volt Read and 3.0-Volt Write, Byte-Write Flash, Bottom Boot 2M bit, 2.7-Volt Read and 2.7-Volt Write, Byte-Write Flash, Bottom Boot 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage Flash Memory
|
Atmel
|
AT45DB161B-CNC AT45DB161B-CNC-2.5 AT45DB161B-CNI A |
16 MEGABIT 2.5-VOLT ONLY OR 2.7-VOLT ONLY DATAFLASH 16M X 1 FLASH 2.7V PROM, PDSO28 16 MEGABIT 2.5-VOLT ONLY OR 2.7-VOLT ONLY DATAFLASH 16M X 1 FLASH 2.7V PROM, PBGA24 16 MEGABIT 2.5-VOLT ONLY OR 2.7-VOLT ONLY DATAFLASH
|
ATMEL Corporation Atmel, Corp. http:// 聚兴科技股份有限公司 Atmel Corp.
|
AT29LV010A-25 ATMELCORP-AT29LV010A-25JI AT29LV010A |
1 Megabit (128K x 8) 3-volt only CMOS flash High Speed CMOS Logic Dual 2-Bit Bistable Transparent Latches 16-SOIC -55 to 125
|
Atmel Corp.
|