PART |
Description |
Maker |
CD4013BMS CD4013BE CD4013 FN3080 |
D-Type Flip Flop, Dual, Rad-Hard, CMOS, Logic From old datasheet system CMOS Dual ‘D’-Type Flip-Flop CMOS Dual ??Type Flip-Flop IC-4000CMOS
CMOS Dual D-Type Flip-Flop CMOS Dual ‘D?Type Flip-Flop
|
INTERSIL[Intersil Corporation]
|
MM74C74N MM74C74 MM74C74M MM74C74MX |
Dual D Flip-Flop; Package: SOIC; No of Pins: 14; Container: Tape & Reel CMOS SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO14 From old datasheet system Dual D-Type Flip-Flop
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74FR1074 74FR1074SCX |
FR/FASTR SERIES, DUAL NEGATIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO14 0.150 INCH, MS-012, SOIC-14 From old datasheet system Dual D-Type Flip-Flop
|
Fairchild Semiconductor, Corp.
|
HD74HC73 HD74HC73FP HD74HC73P |
FLIP-FLOP|DUAL|J/K TYPE|HC-CMOS|DIP|14PIN|PLASTIC Dual J-K Flip-Flops (with Clear) FLIP-FLOP|DUAL|J/K TYPE|HC-CMOS|SOP|14PIN|PLASTIC
|
HITACHI[Hitachi Semiconductor]
|
CD40174BMS FN3359 |
CMOS Hex ‘D?Type Flip-Flop CMOS Hex ‘D’-Type Flip-Flop From old datasheet system CMOS Hex ??Type Flip-Flop CMOS Hex D-Type Flip-Flop D-Type Flip Flop, Hex, Rad-Hard, CMOS, Logic
|
INTERSIL[Intersil Corporation]
|
MC10H131FNG MC10H131FN MC10H13106 MC10H135FNG MC10 |
Dual D Type Master?Slave Flip?Flop Dual D Type Master−Slave Flip−Flop Dual J?K Master?Slave Flip?Flop Universal Hexadecimal Counter Four?Bit Universal Shift Register Quad 2?Input Multiplexer (Non?Inverting) 12?Bit Parity Generator?Checker Binary to 1?8 Decoder (Low) Binary to 1?8 Decoder (High) 8?Line Multiplexer 8?Input Priority Encoder 5?Bit Magnitude Comparator Dual Binary to 1?4?Decoder (High)
|
ONSEMI[ON Semiconductor]
|
74AUP2G80GT 74AUP2G80GM 74AUP2G80DC 74AUP2G80 74AU |
Low-power dual D-type flip-flop; positive-edge trigger; Package: SOT833-1 (XSON8U); Container: Reel Pack, SMD, 7" AUP/ULP/V SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO8
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
HD74HC76 HD74HC76P |
FLIP-FLOP|DUAL|J/K TYPE|HC-CMOS|DIP|16PIN|PLASTIC Dual J-K Flip-Flops (with Preset and Clear)
|
HITACHI[Hitachi Semiconductor]
|
MC74AC74-D MC74ACT74MEL |
Dual D-Type Positive Edge-Triggered Flip-Flop Dual D-Type Positive Edge Trigger Flip-Flop
|
ON Semiconductor
|
MC10EP29MNTXG |
3.3V / 5V ECL Dual Differential Data and Clock D Flip−Flop With Set and Reset 10E SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, QCC20
|
ON Semiconductor
|
MC100LVEL29DWR2 |
3.3V ECL Dual Differential Data and Clock D Flip−Flop With Set and Reset 100LVEL SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO20
|
ON Semiconductor
|
MC74HC374A-D MC74HC374ADW MC74HC374ADWR2 MC74HC374 |
Octal 3-State Non-Inverting D Flip-Flop High-Performance Silicon-Gate CMOS Octal 3-State Noninverting D Flip-Flop Octal D-Type Flip-Flop
|
ON Semiconductor Motorola
|