PART |
Description |
Maker |
OCP-PCTB116E |
SIX PIN DIP SINGLE CHANNEL PHOTOCOUPLER
|
LUMEX INC.
|
4N25 |
(4N25 - 4N28) Industry Standard Single Channel 6 Pin DIP Optocoupler
|
Infineon Technologies
|
AK28D300-SSOP.8MM AK32D600-QFP7X7 AK32D300-QFP7X7 |
28 Pin to 32 Pin DIP Adapters 28引脚2引脚DIP适配 28 Pin to 32 Pin DIP Adapters 28引脚32引脚DIP适配
|
Accutek Microcircuit, Corp. Electronic Theatre Controls, Inc.
|
MOC8113 MOC8111 MOC8111_04 MOC8112 MOC8111300 MOC8 |
6-Pin DIP Phototransistor Output Optocoupler- No Base Connection 6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
|
FAIRCHILD[Fairchild Semiconductor]
|
EPA500-10 EPA500-10-RC EPA500-100 EPA500-100-RC EP |
14 Pin DIP High Precision Single Output TTL Compatible Active Delay Lines
|
PCA ELECTRONICS INC.
|
48-6645-18-P |
48-Pin 0.5mm QFP-to-48-Pin 0.600" DIP Adapter 48-Pin 0.5mm QFP-to-48-Pin 0.600 DIP Adapter QFP48-DIP48, IC SOCKET
|
Aries Electronics, Inc. ARIES ELECTRONICS INC
|
6N138STA 6N138STA-V 6N138S1TA-V 6N139 |
1 CHANNEL LOGIC OUTPUT OPTOCOUPLER ROHS COMPLIANT, SURFACE MOUNT, DIP-8 8 PIN DIP LOW INPUT CURRENT HIGH GAIN
|
Everlight Electronics Co., Ltd.
|
PS7122AL-2B-E3 PS7122AL-1B-E4 PS7122AL-1B-E3 PS712 |
3 Phase Driver, Separate High and Low Side Inputs, Overcurrent Comparator, Latching Fault Logic, Fault Clear Input, Synchronized Shutdown Input, 200ns Deadtime in a 28-pin DIP package; A IR2233 packaged in a 28-Lead PDIP FET-OUTPUT OPTOCOUPLER High and Low Side Driver, SoftTurn-On, Noninverting Inputs, All High Voltage Pins on One Side, Separate Logic and Power Ground in a 14-pin DIP package; A IR21064 packaged in a 14-Lead SOIC High and Low Side Driver, SoftTurn-On, Noninverting Inputs, All High Voltage Pins on One Side, Separate Logic and Power Ground in a 14-pin DIP package; A IR21064 packaged in a 14-Lead PDIP Half Bridge Driver, Single Input Plus Inverting Shutdown Pin, Fixed 520ns Deadtime in a 8-pin DIP package; A IR2104 packaged in a Lead-Free 8-Lead SOIC Optical Coupled MOS FET photocoupler(MOS 场效应管输出光光隔离器) 场效应管输出光耦合 3 Phase Driver, Separate High and Low Side Inputs, Overcurrent Comparator, Latching Fault Logic, Fault Clear Input, Synchronized Shutdown Input, 200ns Deadtime in a 28-pin DIP package; A IR2235 packaged in a 28-Lead PDIP Dual Low Side Driver, Inverting Input in a 8-pin DIP package; A IR4426 packaged in a 8-Lead PDIP
|
NEC Corp. Atmel, Corp. NEC, Corp.
|
HCPL2631S HCPL2631SD 6N137S HCPL2601WV HCPL2611WV |
8-Pin DIP Dual-Channel High Speed 10 MBit/s Logic Gate Output Optocoupler 8-Pin DIP 10 Mbit/s Single-Channel High Speed Logic Gate Output Optocoupler
|
Fairchild Semiconductor
|
1N445 1N316 1N440 1N547 1N535 1N539 1N536 1N533 1N |
GOLD BONDED GERMANIUM DIODES Diode Zener Single 8.4V 5% 500mW 2-Pin DO-7 Diode Zener Single 68V 5% 1.5W 2-Pin DO-41 Diode Switching 400V 3A 2-Pin SOD-64 Ammo Diode Zener Single 87V 5W 2-Pin DO-201AE Diode Switching 75V 0.25A Automotive 2-Pin SOD-323 T/R
|
New Jersey Semiconductor
|
PS7522-1A PS7522-2A PS7522L-1A PS7522L-1A-E3 PS752 |
6, 8-PIN DIP, SLOW SWITCHING TYPE 1-ch, 2-ch Optical Coupled MOS FET 6引脚DIP,慢切换类型1通道2通道光学耦合场效应晶体管 6, 8-PIN DIP, SLOW SWITCHING TYPE 1 6?引脚DIP,慢切换类型1 6 / 8-PIN DIP / SLOW SWITCHING TYPE 1-ch / 2-ch Optical Coupled MOS FET 6 8-PIN DIP SLOW SWITCHING TYPE 1-ch 2-ch Optical Coupled MOS FET
|
NEC, Corp. NEC Corp. NEC[NEC]
|