PART |
Description |
Maker |
PCD5042 PCD5042HZ |
DECT burst mode controller
|
NXP Semiconductors
|
PCD5041 PCD5041H PCD5041HZ |
DECT burst mode controller
|
NXP Semiconductors Philips Semiconductors
|
IDT71T75602S133BG IDT71T75802S200BG IDT71T75802S20 |
512K x 36/ 1M x 18 2.5V Synchronous ZBT SRAMs 2.5V I/O/ Burst Counter Pipelined Outputs 2.5V 512K X 36 ZBT Synchronous 2.5V I/O PipeLine SRAM 512K x 36, 1M x 18 2.5V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 512K x 36, 1M x 18 2.5V Synchronous ZBT?/a> SRAMs 2.5V I/O, Burst Counter Pipelined Outputs BULK COAXIAL CABLE; RE-SHAPABLE VERSION OF PE-047SR 512K x 36, 1M x 18 2.5V Synchronous ZBTSRAMs 2.5V I/O, Burst Counter Pipelined Outputs 1M X 18 ZBT SRAM, 4.2 ns, PQFP100 High-Performance Current-Mode PWM Controller 8-SOIC -40 to 85 1M X 18 ZBT SRAM, 3.2 ns, PBGA119 512K x 36, 1M x 18 2.5V Synchronous ZBTSRAMs 2.5V I/O, Burst Counter Pipelined Outputs 1M X 18 ZBT SRAM, 3 ns, PQFP100 Current-Mode PWM Controller 14-SOIC -40 to 85 1M X 18 ZBT SRAM, 3.8 ns, PQFP100 Current-Mode PWM Controller 8-PDIP -40 to 85 1M X 18 ZBT SRAM, 3.5 ns, PQFP100 Current-Mode PWM Controller 8-SOIC -40 to 85 1M X 18 ZBT SRAM, 5 ns, PQFP100
|
IDT Integrated Device Technology, Inc. SRAM
|
T2801 T2801-PLH T2801NBSP |
From old datasheet system Transceiver for DECT application DECT Single-Chip Transceiver
|
ATMEL[ATMEL Corporation]
|
SMBJ5935 SMBJ5919 SMBJ5917 SMBJ5936 SMBJ5955 SMBJ5 |
Silicon Zener Diode 3.0 Watt Zero-Voltage-Switching Constant Off-time Half-Bridge Controller; Package: SO-16 WB; No of Pins: 16; Container: Rail; Qty per Container: 47 6.8 V, 3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-214AA Low Power 3-44V Quad Channel Operational Amplifier; Package: SOIC 14 LEAD; No of Pins: 14; Container: Tape and Reel; Qty per Container: 2500 1A Source/ 2A Sink Single IGBT Gate Driver; Package: SOIC-8 Narrow Body; No of Pins: 8; Container: Rail; Qty per Container: 98 Rail-to-Rail, 1.8-12V Quad Channel Operational Amplifier, Ta = -55 to 125°C; Package: PDIP-14; No of Pins: 14; Container: Rail; Qty per Container: 500 50kHz Multi-topology Burst-Mode Voltage-Mode Controller with 40V / 3A Switch ; Package: SO-16 WB; No of Pins: 16; Container: Tape and Reel; Qty per Up-to-100kHz Multi-topology Burst-Mode Voltage-Mode Controller with 40V / 1.5A Switch; Package: 8 LEAD PDIP; No of Pins: 8; Container: Rail; Qty per 4.59V Voltage Detector with Active Low Open Collector Output , Qualified for 5V Systems, Ta= -40 to 125C, Pb Free Device; Package: Micro8 Single Voltage Supervisory for Over-Voltage and Under-Voltage Indications with 3 Modes Selection - PB Free; Package: Micro8™; No of Pins: 8
|
Micro Commercial Compon... Micro Commercial Components, Corp. Micro Commercial Components Corp.
|
T2802NBSP T2802 |
2.5 GHz DECT transceiver IC with integrated VCO 2.4-GHz DECT Non-Blind-Slot RF Transceiver
|
Atmel Corp
|
SG2844D SG2844DM SG2844J SG2844M SG2844N SG2844Y S |
1 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO14 From old datasheet system SMPS CONTROLLER,CURRENT-MODE,BIPOLAR,DIP,14PIN,PLASTIC CURRENT MODE PWM CONTROLLER DPC 1POLE 25A SCREW 24V
|
MICROSEMI[Microsemi Corporation] MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP
|
LT-54B33B-P-AG LT-54B33B-PG LT-54B353B-PG |
3.3V / 622 Mbps 1490 nm Continuous-Mode TX / 155 Mbps 1310 nm Burst-Mode RX ITU-T G.983.3 B-PON CLASS B 2X5 SFF OLT Transceiver
|
Optoway Technology Inc
|
NCP1207 NCP1207/D |
PWM Current-Mode Controller for Quasi-Resonant Operation PWM电流模式控制器准谐振操作 IC,SMPS CONTROLLER,CURRENT-MODE,CMOS,DIP,8PIN,PLASTIC
|
ON Semiconductor
|
TEA1723FT |
HV start-up flyback controller with integrated MOSFET for 11 W applications, 1750 Hz burst frequency HV start-up flyback controller with integrated MOSFET for 11 W applications, f~burst = 1750 Hz
|
NXP Semiconductors
|
BS320GBD4V BS320GTD4V AM29BDS320GBD9VMI AM29BDS320 |
32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory 2M X 16 FLASH 1.8V PROM, 90 ns, PBGA64 32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory 32兆位米16位).8伏,只有同时写,突发模式闪存 32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory 2M X 16 FLASH 1.8V PROM, 70 ns, PBGA64
|
Spansion Inc. Spansion, Inc.
|
V96BMC |
High Performance Burst DRAM Controller
|
V3 Semiconductor
|