PART |
Description |
Maker |
28F004BL-T 28F400BL-B 28F400BL-T 28F400BL-TB E28F4 |
4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY 4-MBlT (256K x 16 / 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY 4-MBlT (256K x 16/ 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
|
Intel
|
GS881E18BD-200IV GS881E36BGT-200V |
512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs 512K X 18 CACHE SRAM, 6.5 ns, PBGA165 512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs 256K X 36 CACHE SRAM, 6.5 ns, PQFP100
|
GSI Technology, Inc.
|
IDT71V65602S-100BQI IDT71V65802S-100BQI IDT71V6580 |
256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 256K × 3612K采样× 18 3.3同步ZBT SRAM.5VI / O的脉冲计数器输出流水 256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 256K X 36 ZBT SRAM, 4.2 ns, PBGA165 256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs 512K X 18 ZBT SRAM, 4.2 ns, PBGA119 3.3V 256K X 36 ZBT Synchronous 2.5V I/O PipeLined SRAM 3.3V 512K x 18 ZBT Synchronous 2.5V I/O PipeLined SRAM
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT
|
A67L9318E-4.2F A67L8336E A67L8336E-2.6 A67L8336E-2 |
512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM 512k × 1856 × 36 LVTTL,流水线ZeBL的SRAM 512K X 18, 256K X 36 LVTTL, Pipelined ZeBL SRAM 12k × 1856 × 36 LVTTL,流水线ZeBL的SRAM DIODE ZENER SINGLE 500mW 5.1Vz 20mA-Izt 0.05 5uA-Ir 2Vr DO35-GLASS 5K/REEL
|
AMIC Technology, Corp. AMIC Technology Corporation AMICC[AMIC Technology]
|
GS88132BGD-150IV GS88118BD-200IV |
512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs 256K X 32 CACHE SRAM, 7.5 ns, PBGA165 512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs 512K X 18 CACHE SRAM, 6.5 ns, PBGA165
|
GSI Technology, Inc.
|
CY14B104LA-ZS25XIT CY14B104NA-BA20XI CY14B104NA-BA |
4 Mbit (512K x 8/256K x 16) nvSRAM; Organization: 512Kb x 8; Vcc (V): 2.7 to 3.6 V; Density: 4 Mb; Package: TSOP 512K X 8 NON-VOLATILE SRAM, 25 ns, PDSO44 4 Mbit (512K x 8/256K x 16) nvSRAM; Organization: 256Kb x 16; Vcc (V): 2.7 to 3.6 V; Density: 4 Mb; Package: FBGA
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
CYD09S18V-100BBC CYD09S18V-100BBI CYD02S18V-133BBC |
512K X 18 DUAL-PORT SRAM, 4.7 ns, PBGA256 17 X 17 MM, 1 MM PITCH, LEAD FREE, FBGA-256 FLEx18 3.3V 64K/128K/256K/512K x 18 Synchronous Dual-Port RAM FLEx18垄芒 3.3V 64K/128K/256K/512K x 18 Synchronous Dual-Port RAM
|
Cypress Semiconductor, Corp.
|
27C4096-12 27C4096-10 |
4M-BIT [512K x 8/256K x 16] CMOS EPROM 4分位[12k × 8/256K × 16]的CMOS存储
|
Macronix International Co., Ltd.
|
IS61VF51218A-6.5B3 |
256K x 36, 512K x 18 9 Mb SYNCHRONOUS FLOW-THROUGH STATIC RAM 512K X 18 CACHE SRAM, 6.5 ns, PBGA165
|
Integrated Silicon Solution, Inc.
|
IS61LPS51218A IS61LPS51218A12 IS64LPS25636A IS61LP |
256K x 36, 256K x 32, 512K x 18 9 Mb SYNCHRONOUS PIPELINED, SINGLE CYCLE DESELECT STATIC RAM
|
Integrated Silicon Solution, Inc
|