PART |
Description |
Maker |
KLCS-47E KMP47C1660F KMP47C1660N KMP47C1237N KMP47 |
4-BIT MICROCONTROLLERS 4位微控制 (KMP47C1xx) 4-BIT MICROCONTROLLERS (KMP47C421 - KMP47C423) 4-BIT MICROCONTROLLERS
|
Korea Electronics (KEC) KEC Holdings KEC[KEC(Korea Electronics)] http://
|
MC68HC908AP64 MC68HC908AP32CB |
8 bit Microcontroller Unit (MCU)(8位MCU) Microcontrollers 8-BIT, FLASH, 8 MHz, MICROCONTROLLER, PDIP42 Microcontrollers 微控制器
|
Motorola, Inc. 飞思卡尔半导体(中国)有限公司 Motorola Mobility Holdings, Inc.
|
P87C770 P83C370 P83C770 P83C270 P83C366BDA P83C766 |
Microcontrollers for PAL/SECAM TV with OSD and VST(OSDVST的在PAL/SECAM TV中应用的微控制器) Microcontrollers for NTSC TVs with On-Screen Display (OSD) and Closed Caption (CC)(在NTSC TV中应用的具有屏幕显示和字幕关闭特点的微控制器) 微控制器用于NTSC电视的屏幕显示(OSD)和字幕CC)的(在NTSC电视中应用的具有屏幕显示和字幕关闭特点的微控制器
|
Philips Semiconductors NXP Semiconductors N.V.
|
SAB-C161PI-L25FCA SAB-C161PI-L25MCA SAB-C161PI-LF3 |
16-Bit Microcontrollers - 0C - 70C, 25MHz, P-TQFP-100 Consumer Class 16-bit Microcontroller 16-Bit Microcontrollers - 0C - 70C, 25MHz, P-MQFP-100 16-Bit Microcontrollers - 0C - 70C, 20MHz, P-TQFP-100, 3V 16-Bit Microcontrollers - 0C - 70C, 20MHz, P-MQFP-100, 3V 16-Bit Microcontrollers - -40C - 85C, 25MHz, P-TQFP-100 16-Bit Microcontrollers - -40C - 85C, 25MHz, P-MQFP-100 16-Bit Microcontrollers - -40C - 85C, 20MHz, P-TQFP-100 16-Bit Microcontrollers - -40C - 85C, 20MHz, P-MQFP-100, 3V 16-Bit Microcontrollers - -40C - 85C, 20MHz, P-MQFP-100
|
Infineon
|
LC66E308 LC66P308 LC66P2516 LC66P2108 LC665316A LC |
Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM 四位单芯12微控制器,和16 KB的片上ROM Advanced LinCMOS(TM) Rail-To-Rail Quad Operational Amplifier 14-TSSOP 0 to 70 Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM 4-bit Microcontroller with Built-in PROM
|
Sanyo Electric Co., Ltd. Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device] http://
|
Z86E04 Z86E09 Z86E08 Z86E0812SSC1924 Z86E02 Z86E04 |
(Z86E04/E08/E09) CMOS Z8 OTP Microcontrollers Z8 CMOS OTP Microcontrollers
|
ZILOG[Zilog, Inc.]
|
AT91SAM7X128-AU AT91SAM7X512-CU AT91SAM7X512-AU AT |
AT91 ARM Thumb-based Microcontrollers 32-BIT, FLASH, 55 MHz, RISC MICROCONTROLLER, PBGA100 AT91 ARM Thumb-based Microcontrollers AT91上ARM的拇指型微控制器
|
Atmel Corp. Atmel, Corp.
|
SABC515C-LM SAFC515C-LM SABC515C-8EM SABC515C-8RM |
8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory (10MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory (10MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM (10MHz)
|
Infineon
|
C505CAROM/ROMLESSTYPES SAK-C505A-2RM SAB-C505A-4RM |
8-bit Microcontroller with Complete CAN Capability 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM, with CAN (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory, with CAN (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory, with CAN (16MHz)
|
Infineon
|
LC66358S LC66556A LC665312A LC66P5316 LC662304A LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
|
SANYO[Sanyo Semicon Device]
|
UPD70F3201 UPD703201GC-XXX-8EU UPD703204F1-XXX-EA6 |
(UPD70F3201 / UPD70F3204) 32-Bit Single-Chip Microcontrollers 32-BIT SINGLE-CHIP MICROCONTROLLERS 32位单晶片微控制器
|
NEC Electronics NEC Corp. NEC, Corp.
|
MCP1624-I_CH MCP1623T-I_CH MCP1624T-I_CH MCP1624T- |
Low-Voltage Input Boost Regulator for PIC? Microcontrollers Low-Voltage Input Boost Regulator for PIC庐 Microcontrollers Low-Voltage Input Boost Regulator for PIC垄莽 Microcontrollers
|
Microchip Technology
|