PART |
Description |
Maker |
AD558T AD558KD AD558JP AD558TD AD558SD AD558JN AD5 |
DACPORT, Low-Cost Complete 渭P-Compatible 8-Bit DAC(瀹??????????浣?/A杞???? DACPORT, Low-Cost Complete μP-Compatible 8-Bit DAC(完备的电压输位D/A转换 RECTIFIER BRIDGE 1.5A 50V WOG DACPORT Low Cost. Complete uP-Compatible 8-Bit DAC DACPORT Low Cost, Complete uP-Compatible 8-Bit DAC DACPORT Low Cost/ Complete uP-Compatible 8-Bit DAC
|
ANALOG DEVICES INC Analog Devices, Inc.
|
AD558S AD558T AD558KP AD558SD AD558 AD558TD AD558J |
DACPORT Low Cost Complete uP-Compatible 8-Bit DAC DACPORT Low Cost, Complete uP-Compatible 8-Bit DAC Voltage-output 8-bit digital-to-analog converter, including output amplifier, full microprocessor interface and precision
|
AD[Analog Devices]
|
AD557 AD557JP AD557JN |
DACPORT/ Low-Cost Complete mP-Compatible 8-Bit DAC DACPORT, Low-Cost Complete mP-Compatible 8-Bit DAC DACPORT, Low-Cost Complete μP-Compatible 8-Bit DAC(完备的电压输位D/A转换
|
Analog Devices, Inc.
|
AD7533JNZ AD7533KNZ |
CMOS Low Cost, 10-Bit Multiplying DAC; Package: PDIP; No of Pins: 16; Temperature Range: Commercial PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 10-BIT DAC, PDIP16
|
Analog Devices, Inc.
|
AD7533KRZ-REEL AD7533JP-REEL AD7533KR-REEL AD7533T |
CMOS Low Cost, 10-Bit Multiplying DAC; Package: SOIC - Wide; No of Pins: 16; Temperature Range: Commercial DUAL, PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 10-BIT DAC, PDSO16 CMOS Low Cost, 10-Bit Multiplying DAC; Package: PLCC; No of Pins: 20; Temperature Range: Commercial DUAL, PARALLEL, WORD INPUT LOADING, 0.8 us SETTLING TIME, 10-BIT DAC, PQCC20
|
Analog Devices, Inc.
|
28C64AX-20/K 28C64AX-25/K 28C64AX-15I/K 28C64AX-15 |
Evaluation Kit for the MAX5883, MAX5884, MAX5885 Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC 128Kx8 EEPROM 16-Bit DACs with 16-Channel Sample-and-Hold Outputs Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs 12-Bit, 250Msps, High-Dynamic-Performance, Dual DAC with LVDS Inputs 12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface 3.3V Transceiver with Two EIA TIA 562 Receivers Active in Shutdown x8的EEPROM
|
Microchip Technology, Inc.
|
MAX512 MAX512CPD MAX512CSD MAX512EPD MAX512ESD MAX |
From old datasheet system Stereo Class-AB Audio Amplifier with Stereo Headphone Drive and I2C Control 24-HTSSOP -40 to 85 CAP 331PF 25V CERAMIC X7R 0201 Low-Cost / Triple / 8-Bit Voltage-Output DACs with Serial Interface Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 70 us SETTLING TIME, 8-BIT DAC, PDIP14
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX5544 MAX5544CSA MAX5544ESA |
Low-Cost, 5V, Serial-Input, Voltage-Output, 14-Bit DAC
|
MAXIM[Maxim Integrated Products]
|
AD737 AD737AQ AD737BQ AD737JN AD737JR AD737JR-REEL |
Low Cost, Low Power, True RMS-to-DC Converter 622Mbps, Ultra-Low-Power, 3.3V Transimpedance Preamplifier for SDH/SONET Low Cost/ Low Power/ True RMS-to-DC Converter Low Cost, Low Power, True RMS-to-DC Converter RMS TO DC CONVERTER, 0.005 MHz, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
CS4373A-ISZ |
Low-power, High-performance Test DAC Low-power, High-performance Test DAC SERIAL INPUT LOADING, 24-BIT DAC, PDSO28
|
Cirrus Logic, Inc.
|
|