Part Number Hot Search : 
RFG35 B1213 20MU11 SL221R02 STD5KA40 76000 A1108 LB1806
Product Description
Full Text Search

MAX496-MAX497 - 375MHz四闭环视频缓冲器,影音\u003d 1 375MHz Quad Closed-Loop Video Buffers / AV = 1 and 2 High-Output RS-485 Transceiver 8-PDIP -40 to 85 High-Output RS-485 Transceiver 8-SOIC -40 to 85 375MHz Quad Closed-Loop Video Buffers, AV = 1 and 2 375MHz Quad Closed Loop Video Buffers, Av = 1 and 2

MAX496-MAX497_97189.PDF Datasheet

 
Part No. MAX496-MAX497 MAX497 MAX497CPE MAX497CSE MAX496CSE MAX496CPE MAX496 MAX496C_D MAX497C_D MAX496C/D MAX497C/D
Description 375MHz四闭环视频缓冲器,影音\u003d 1
375MHz Quad Closed-Loop Video Buffers / AV = 1 and 2
High-Output RS-485 Transceiver 8-PDIP -40 to 85
High-Output RS-485 Transceiver 8-SOIC -40 to 85
375MHz Quad Closed-Loop Video Buffers, AV = 1 and 2
375MHz Quad Closed Loop Video Buffers, Av = 1 and 2

File Size 217.52K  /  12 Page  

Maker


Maxim Integrated Products, Inc.
MAXIM[Maxim Integrated Products]
MAXIM - Dallas Semiconductor



Homepage http://www.maxim-ic.com
Download [ ]
[ MAX496-MAX497 MAX497 MAX497CPE MAX497CSE MAX496CSE MAX496CPE MAX496 MAX496C_D MAX497C_D MAX496C/D MA Datasheet PDF Downlaod from Datasheet.HK ]
[MAX496-MAX497 MAX497 MAX497CPE MAX497CSE MAX496CSE MAX496CPE MAX496 MAX496C_D MAX497C_D MAX496C/D MA Datasheet PDF Downlaod from Maxim4U.com ] :-)


[ View it Online ]   [ Search more for MAX496-MAX497 ]

[ Price & Availability of MAX496-MAX497 by FindChips.com ]

 Full text search : 375MHz四闭环视频缓冲器,影音\u003d 1 375MHz Quad Closed-Loop Video Buffers / AV = 1 and 2 High-Output RS-485 Transceiver 8-PDIP -40 to 85 High-Output RS-485 Transceiver 8-SOIC -40 to 85 375MHz Quad Closed-Loop Video Buffers, AV = 1 and 2 375MHz Quad Closed Loop Video Buffers, Av = 1 and 2


 Related Part Number
PART Description Maker
MAX496-MAX497 MAX497 MAX497CPE MAX497CSE MAX496CSE 375MHz四闭环视频缓冲器,影音\u003d 1
375MHz Quad Closed-Loop Video Buffers / AV = 1 and 2
High-Output RS-485 Transceiver 8-PDIP -40 to 85
High-Output RS-485 Transceiver 8-SOIC -40 to 85
375MHz Quad Closed-Loop Video Buffers, AV = 1 and 2
375MHz Quad Closed Loop Video Buffers, Av = 1 and 2
Maxim Integrated Products, Inc.
MAXIM[Maxim Integrated Products]
MAXIM - Dallas Semiconductor
EC3SMD-20-28.375M CRYSTALS 30/50 -20 70 20PF 28.375MHZ AT CUT FUND 12X4X4MM 4PAD SMD QUARTZ CRYSTAL RESONATOR, 28.375 MHz
Ecliptek, Corp.
EH2645ETTTS-17.375M OSCILLATORS 50PPM -40 85 3.3V 4 17.375MHZ TS CMOS 5X7MM 4PAD SMD CRYSTAL OSCILLATOR, CLOCK, 17.375 MHz, LVCMOS OUTPUT
Ecliptek, Corp.
EC1100-7.375M OSCILLATORS 100PPM 0 70 5.0V 4 7.375MHZ NC CMOS FULL 14PIN DIP CRYSTAL OSCILLATOR, CLOCK, 7.375 MHz, HCMOS/TTL OUTPUT
Ecliptek, Corp.
E1UGA20-25.000M E1UAA15-12.375M CRYSTALS 15/30 0 70 20PF 25.000MHZ ATCUT FUND HC-49/US QUARTZ CRYSTAL RESONATOR, 25 MHz
CRYSTALS 50/100 0 70 15PF 12.375MHZ ATCUT FUND HC-49/US
Ecliptek, Corp.
ECLIPTEK CORP
MAX1675 MAX1676 375MHz Quad Closed Loop Video Buffers.Av = 1 and 2[MAX496/MAX497/MAX496/MAX497/MAX496/MAX497/MAX496C/D/MAX496CPE/MAX496CSE/MAX496CSE-T/MAX497C/D
Maxim Integrated Products, Inc.
28C010TRPGP-150 28C010TRPGI-150 28C010TRPGI-200 28 Voltage-Output, 12-Bit Multiplying DACs
Evaluation Kit for the MAX5022
150mA USB LDO Regulators with ±15kV TVS and µP Reset
Evaluation Kit for the MAX5003
375MHz Quad Closed Loop Video Buffers, AV = 1 and 2
CMOS, Quad, Serial Interface 8-Bit DAC x8的EEPROM
Quad-Triple, SPDT, RGB Switches with 250MHz Video Buffer Amplifiers x8的EEPROM
150mA USB LDO Regulators with ±15kV TVS and µP Reset x8的EEPROM
128Kx8 EEPROM 128Kx8 EEPROM
TE Connectivity, Ltd.
Fuji Electric Holdings Co., Ltd.
KOA Speer Electronics,Inc.
Belden, Inc.
Coilcraft, Inc.
Linear Technology, Corp.
PM1008-10NM-RC PM1008-18NM-RC PM1008-12NM-RC PM100 High Q Chip Inductors
SMD Inductor; Series:PM1008; Inductance:120nH; Inductance Tolerance: /- 10 %; Q Factor:60; Self Resonant Frequency:950MHz; Package/Case:1008; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:650mA
SMD Inductor; Series:PM1008; Inductance:680nH; Inductance Tolerance: /- 10 %; Q Factor:45; Self Resonant Frequency:375MHz; Package/Case:1008; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:400mA
SMD Inductor; Series:PM1008; Inductance:390nH; Inductance Tolerance: /- 10 %; Q Factor:45; Self Resonant Frequency:500MHz; Package/Case:1008; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:470mA
SMD Inductor; Series:PM1008; Inductance:820nH; Inductance Tolerance: /- 10 %; Q Factor:45; Self Resonant Frequency:350MHz; Package/Case:1008; Terminal Type:Surface Mount; Core Material:Ceramic; Current Rating:400mA
SMD Inductor; Series:PM1008; Inductance:3.3uH; Inductance Tolerance: /- 10 %; Q Factor:22; Self Resonant Frequency:110MHz; Package/Case:1008; Terminal Type:PCB Surface Mount; Core Material:Ceramic; Current Rating:290mA
Bourns Electronic Solutions
BOURNS INC
 
 Related keyword From Full Text Search System
MAX496-MAX497 Mount MAX496-MAX497 relay MAX496-MAX497 configuration MAX496-MAX497 siliconix MAX496-MAX497 alldatasheet
MAX496-MAX497 Processors MAX496-MAX497 filetype:pdf MAX496-MAX497 lcd MAX496-MAX497 型号替换 MAX496-MAX497 Command
 

 

Price & Availability of MAX496-MAX497

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.81742596626282