PART |
Description |
Maker |
MACH211SP-12 MACH211SP-7JC MACH211SP-7VC MACH211SP |
RES 35.7K-OHM 1% 0.1W 100PPM THICK-FILM SMD-0603 5K/REEL-7IN-PA SCREW MACHINE SLOTTED 6-32X3/4 High-Density EE CMOS Programmable Logic EE PLD, 16 ns, PQCC44 High-Density EE CMOS Programmable Logic 高密度电子工程CMOS可编程逻辑
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
DSP56371 DSP56371D |
high density CMOS device
|
MOTOROLA[Motorola, Inc] Motorola Inc
|
MACH220-20 MACH220-20JI |
High-Density EE CMOS Programmable Logic
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
MACHLV210-12 MACHLV210-12JC MACHLV210-15JC MACHLV2 |
High Density EE CMOS Programmable Logic
|
LATTICE[Lattice Semiconductor]
|
ISPLSI2096VE-100LT128 ISPLSI2096VE-135LT128 ISPLSI |
3.3V In-System Programmable SuperFAST?/a> High Density PLD CRYSTAL 24.0 MHZ 20PF SMD 3.3V In-System Programmable SuperFASTHigh Density PLD 3.3V In-System Programmable SuperFAST High Density PLD 3.3V In-System Programmable SuperFAST⑩ High Density PLD 3.3VIn-SystemProgrammableSuperFASTHighDensityPLD
|
Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
ISPLSI2032VE ISPLSI2032VE-110LB49 ISPLSI2032VE-110 |
225 MHz 3.3V in-system prommable superFAST high density PLD 3.3V In-System Programmable High Density SuperFAST?/a> PLD 3.3V In-System Programmable High Density SuperFAST?/a> PLD 3.3V In-System Programmable High Density SuperFAST⑩ PLD 3.3V In-System Programmable High Density SuperFAST PLD IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.3 IC,Normally-Closed Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 EE PLD, 13 ns, PQCC44 3.3V In-System Programmable High Density SuperFASTPLD EE PLD, 13 ns, PQFP44 3.3V In-System Programmable High Density SuperFASTPLD EE PLD, 6 ns, PQCC44 3.3V In-System Programmable High Density SuperFASTPLD 3.3在系统可编程高密度PLD的超快⑩ 3.3VIn-SystemProgrammableHighDensitySuperFASTPLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
DSPA56371 |
The DSP56371 is a high density CMOS device with 5.0-volt compatible inputs and outputs.
|
FREESCALE[Freescale Semiconductor, Inc]
|
ISPLSI1024 ISPLSI1024EA-200LT100 1024EA ISPLSI1024 |
200 MHz in-system prommable high density PLD Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:4; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:120ohm RoHS Compliant: Yes In-System Programmable High Density PLD 100 MHz in-system prommable high density PLD
|
Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor] http://
|
WP06R WP06R12D05 WP06R12D12 WP06R12D15 WP06R12S05 |
High Density 5-6 Watt Wide Input Range DC/DC Converter 5-6 WATT HIGH DENSITY, WIDE INPUT RANGE DC/DC CONVERTER 5-6 WATT HIGH DENSITY/ WIDE INPUT RANGE DC/DC CONVERTER RECTIFIER SCHOTTKY SINGLE 2A 40V 50A-Ifsm 0.55Vf 0.5A-IR PowerDI-123 3K/REEL
|
CANDD[C&D Technologies]
|
QL3060-0PB456C QL3060-1PB456M QL3060-1PB456C QL306 |
60,000 usable PLD gate pASIC 3 FPGA combining high performance and high density. FPGA|1584-CELL|CMOS|QFP|208PIN|PLASTIC FPGA的| 1584细胞|的CMOS | QFP封装| 208PIN |塑料 FPGA|1584-CELL|CMOS|BGA|456PIN|PLASTIC
|
QuickLogic, Corp.
|