PART |
Description |
Maker |
CAT28F010NI-12T CAT28F010TI-90T CAT28F010TI-12T CA |
1 Megabit CMOS Flash Memory 128K X 8 FLASH 12V PROM, 90 ns, PDSO32 Bulk Erase Flash Memory, 1Mb 128K X 8 FLASH 12V PROM, 90 ns, PDIP32
|
http:// CATALYST[Catalyst Semiconductor] ON SEMICONDUCTOR
|
PIC18F022 |
8-Pin Enhanced FLASH Microcontroller with 10-bit A/D and 4096 x 8 on-chip FLASH Program Memory(8脚增强型闪速微控制器,0位A/D 096 x 8 片上闪速存储器)
|
Microchip Technology Inc.
|
MAX662A |
12V, 30mA Flash Memory Programming Supply(12V,30mA快擦写存储器编程电源,电荷泵电压转换器) 12V30mA闪存存储器编程电
|
Maxim Integrated Products, Inc.
|
M28F220-90M1TR M28F220-90M6TR -M28F220 STMICROELEC |
256K X 8 FLASH 12V PROM, 90 ns, PDSO44 2Mbit (256Kb x8 or 128Kb x16, Boot Block) Flash Memory(2Mb???瀛???ī 256K X 8 FLASH 12V PROM, 70 ns, PDSO44
|
STMICROELECTRONICS
|
CAT28F010TRI-70T CAT28F010N-90T CAT28F010P-15 CAT2 |
128K X 8 FLASH 12V PROM, 70 ns, PDIP32 PLASTIC, DIP-32 1 Megabit CMOS Flash Memory(79.65 k) 1兆位的CMOS快闪记忆体(79.65十一 x8 Flash EEPROM x8闪存EEPROM
|
Ironwood Electronics NXP Semiconductors N.V. Microchip Technology, Inc. ON SEMICONDUCTOR
|
89C536 P89C536 P89C536NBAA P89C536NBBB P89C538NBAA |
CMOS single-chip 8-bit microcontrollers with FLASH program memory 80C51 8-bit microcontroller family 16K/64K/512 FLASH
|
NXP Semiconductors
|
89C536 P89C536 P89C538NBAA P89C536NBAA P89C538NBBB |
CMOS single-chip 8-bit microcontrollers with FLASH program memory 80C51 8-bit microcontroller family 16K/64K/512 FLASH
|
PHILIPS[Philips Semiconductors]
|
P89C536NBAA P89C536NBBB P89C535NBAA |
CMOS single-chip 8-bit microcontrollers with FLASH program memory
|
Philips
|
E28F004BL-T150 E28F004BL-B150 E28F400BL-T150 PA28F |
4-MBlT (256K x 16/ 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% Series 320 tactile switch with multiple color and cap options FireWire Current Limiter and Low-Drop ORing Switch Controller 4 MBlT56K × 16。为512k × 8)低功耗启动块闪存系列 4-MBlT (256K x 16. 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY 4 MBlT56K × 16。为512k × 8)低功耗启动块闪存系列 4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY 512K X 8 FLASH 12V PROM, 150 ns, PDSO40 4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY 512K X 8 FLASH 12V PROM, 150 ns, PDSO56
|
Intel Corporation Intel Corp. Rochester Electronics, LLC Intel, Corp. Sharp, Corp.
|
ATMEGA8 ATMEGA8L |
8-Kbyte self-programming Flash Program Memory, 1-Kbyte SRAM, 512 Byte EEPROM, 6 or 8 Channel 10-bit A/D-converter. Up to 16 MIPS throughput at 16 Mhz. 8-Kbyte self-programming Flash Program Memory, 1-Kbyte SRAM, 512 Byte EEPROM, 6 or 8 Channel 10-bit A/D-converter. Up to 8 MIPS throughput at 8 Mhz. 3 Volt Operation
|
Atmel
|
ATTINY15L ATTINY15L-1PC ATTINY15L-1PI ATTINY15L-1S |
8-bit AVR Microcontroller with 1K Byte Flash 1-Kbyte In-System programmable Flash Program Memory, 64-Byte EEPROM, 32-Byte Register File, 4-channel 10-bit A/D, Up to 1.6 MIPS throughput at 1.6 MHz. 3-volt operation
|
Atmel Corp. ATMEL[ATMEL Corporation]
|