PART |
Description |
Maker |
LA4510 |
240MW AF Power Amplifier
|
SANYO[Sanyo Semicon Device]
|
SAR91205 |
DRY REED RELAY, SPST, MOMENTARY, 0.02A (COIL), 12VDC (COIL), 240mW (COIL), 0.5A (CONTACT), 20VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
CRYDOM CORP
|
TDA8920C09 TDA8920C TDA8920CJ TDA8920CTH TDA8920CJ |
2 垄楼 110 W class-D power amplifier 2 麓 110 W class-D power amplifier 2 ′ 110 W class-D power amplifier 2 x 110 W class-D power amplifer, SOT411-1 (DBS23P), Tube 110 W, 2 CHANNEL, AUDIO AMPLIFIER, PZFM23 2 X 110 W class-D power amplifier 2 ′ 110 W class-D power amplifier 2 X 110 W class-D power amplifier
|
NXP Semiconductors N.V.
|
AFS5-10951175-09-10P-5 AFS42-04400510-07-10P-44 AF |
10950 MHz - 11750 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 4400 MHz - 5100 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 2200 MHz - 2300 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 1400 MHz - 1700 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 6700 MHz - 7100 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 700 MHz - 800 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 7900 MHz - 8400 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER
|
MITEQ INC
|
BGD902MI BGD902 |
CATV amplifier modules 40 MHz - 900 MHz RF/MICROWAVE WIDE BAND HIGH POWER AMPLIFIER 860 MHz, 18.5 dB gain power doubler amplifier
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
Q68000-A8882 CGY180 |
Power Amplifier (DECT, PCS) From old datasheet system GaAs MMIC (Power amplifier for DECT and PCS application Fully integrated 3 stage amplifier Operating voltage range: 2.7 to 6 V)
|
Infineon SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
CMM1631-SM-0G00 CMM1631-SM-0G0T CMM1631-SM0608 MIM |
16.0-18.0 GHz 1.5-Watt Power Amplifier 16000 MHz - 18000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 16.0-18.0 GHz 1.5-Watt Power Amplifier 16.0-18.0千兆50瓦功率放大器
|
Mimix Broadband, Inc.
|
2SC479306 2SC4793-06 2SC4793FM 2SC4793M |
Power Amplifier Applications Driver Stage Amplifier Applications Silicon NPN Epitaxial Type Power Amplifier Applications
|
Toshiba Semiconductor
|
UPC2710TB1 UPC2710TB-E3 |
5 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER 1000 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER
|
NEC
|
AD621 AD621ARZ-R7 AD621AR-REEL AD621AR-REEL7 AD621 |
-18V; 650mW; low drift, low power instrumentation amplifier. For weigh scales, transduver interface and data acquisition systems Low Drift, Low Power Instrumentation Amp with fixed gains of 10 and 100 INSTRUMENTATION AMPLIFIER, 185 uV OFFSET-MAX, 0.2 MHz BAND WIDTH, PDSO8 Low Cost,Low Power Instrumention Amplifier
|
Analog Devices, Inc.
|
2SA1425 E000527 |
TRANSISTOR (POWER AMPLIFIER/ DRIVER STAGE AMPLIFIER APPLICATIONS) From old datasheet system TRANSISTOR (POWER AMPLIFIER, DRIVER STAGE AMPLIFIER APPLICATIONS) 晶体管(功率放大器,放大器的驱动程序
|
TOSHIBA[Toshiba Semiconductor] Toshiba, Corp.
|