PART |
Description |
Maker |
ISL9014IRFDZ ISL9014IRKPZ ISL9014IRPLZ ISL9014IRPP |
Dual LDO with Low Noise, Low IQ and High PSRR Dual LDO with Low Noise, Low IQ, and High PSRR; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil Corporation Intersil, Corp.
|
ISL9011IRPPZ-T |
Dual LDO with Low Noise, Low IQ, and High PSRR; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|
ISL9014AIRPPZ-T ISL9014AIRFDZ-T ISL9014AIRPLZ-T IS |
Dual LDO with Low Noise, Low IQ, and High PSRR; Temperature Range: -40°C to 85°C; Package: 10-DFN T&R DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO10
|
Intersil, Corp.
|
EL2228 |
Dual, Op Amp, 80MHz, AV=1, Low Noise 4.9nV/√Hz, 2.5-12VDC Dual Low Noise Amplifier
|
Intersil Corporation
|
NE5534AF NE5534AN NE5534FE NE5534N SA5534 SA5534A |
Dual and single low noise op amp OP-AMP, 5000 uV OFFSET-MAX, 10 MHz BAND WIDTH, PDSO8 Dual and single low noise op amp OP-AMP, 5000 uV OFFSET-MAX, 10 MHz BAND WIDTH, PDIP8 Dual and single low noise op amp DUAL OP-AMP, 4000 uV OFFSET-MAX, 10 MHz BAND WIDTH, PDIP14
|
PHILIPS[Philips Semiconductors] Philipss NXP Semiconductors N.V.
|
AD8512ARMZ AD8510ARMZ-REEL AD8510BR AD8510ARZ AD85 |
Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier (Dual); No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 1800 uV OFFSET-MAX, 8 MHz BAND WIDTH, PDSO8 Precision, Very Low Noise, Low Input Bias Current
|
Analog Devices, Inc.
|
LT1126C LT1126CJ8 LT1126CN8 LT1126CS8 LT1126AC LT1 |
Dual/Quad Decompensated Low Noise/ High Speed Precision Op Amps Dual/Quad Decompensated Low Noise High Speed Precision Op Amps Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps QUAD OP-AMP, 160 uV OFFSET-MAX, 65 MHz BAND WIDTH, PDIP14 Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps DUAL OP-AMP, 140 uV OFFSET-MAX, 65 MHz BAND WIDTH, PDIP8 Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps QUAD OP-AMP, 240 uV OFFSET-MAX, 65 MHz BAND WIDTH, CDIP14
|
LINER[Linear Technology] Linear Technology, Corp.
|
2SC3382 2SA1391 2SC3382T |
Low-Noise AF Amp Applications SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管|叩| 50V五(巴西)总裁| 200mA的一(c)|2
|
Sanyo Semicon Device
|
CMLT5078E CMLT5087E CMLT5088E |
SMD Small Signal Transistor Dual PNP Low Noise Amplifier SMD Small Signal Transistor Dual NPN & PNP Low Noise Amplifier SMD Small Signal Transistor Dual NPN Low Noise Amplifier ENHANCED SPECIFICATION PICOmini SURFACE MOUNT SILICON DUAL TRANSISTORS
|
Central Semiconductor Corp
|
LT1993CUD-2TRPBF LT1993CUD-2PBF LT1993-2 |
700MHz Low Distortion, Low Noise Differential Amplifier/ADC Driver (AV = 10V/V); Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C OP-AMP, 10000 uV OFFSET-MAX, PQCC16 800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
|
Linear Technology, Corp.
|
LT1169 LT1169CN8 LT1169CS8 1169FA |
Dual Low Noise/ Picoampere Bias Current/ JFET Input Op Amp Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp From old datasheet system
|
LINER[Linear Technology]
|
S4558 |
Low Noise Dual OP AMP
|
AUK[AUK corp]
|
|