PART |
Description |
Maker |
DS80C400 |
DS80C390-QCR DS80C390-FCR DS80C390-QNR DS80C390-FNR
|
Dallas Semiconducotr
|
RCN06-10R100JP RCN0610R100JP RCN06-10R100JTR RCN06 |
FCR, RCA, RCN Chip Resistors
|
Token Electronics Industry Co., Ltd.
|
RCN06-10S101JP RCN0610S101JP RCN06-10S101JTR RCN06 |
FCR, RCA, RCN Chip Resistors
|
Token Electronics Industry Co., Ltd. http://
|
R123071000 |
QMA (M) STR FCR CAB 2,6/50S CABLE TERMINATED, MALE, RF CONNECTOR, CRIMP, PLUG
|
Radiall S.A.
|
FCR8.0MC5T |
FCR(Built-in load capacitance/External load capacitance) series
|
TDK Electronics
|
M27C512-10 M27C512-12F1 M27C512-12F1E M27C512-12F1 |
CAP 620PF 200V 1% NP0(C0G) RAD.20 T&R R-MIL-PRF-20 STANDOFF 1-To-4 Address Register/Driver With 3-State Outputs 80-TSSOP -40 to 85 512千位4K的8)紫外线存储器和OTP存储 SERVSWITCH USB COAX CPU CABLES, WITH AUDIO 50FT 512千位64Kb的x8紫外线存储器和OTP存储 512 Kbit (64K x8) UV EPROM and OTP EPROM 512千位4K的8)紫外线存储器和OTP存储 512 Kbit 64Kb x8 UV EPROM and OTP EPROM 512千位64Kb的x8紫外线存储器和OTP存储 SMM310; Package: HG-MMA-4; Acoustic Sensitivity: -42.0 dBV/Pa; Signal to Noise: 59.0 dB(A); V<sub>DD</sub> (min): 1.5 V; V<sub>DD</sub> (max): 3.3 V; Distortion Treshold: 110.0 dBSPL; 512千位64Kb的x8紫外线存储器和OTP存储 CAP 39PF 200V 5% NP0(C0G) AXIAL T&R R-MIL-PRF-20 CAP 33PF 50V 10% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR MARKED Fuses, 100mA 250V SB 5X15 BULK CAP 3.3PF 100V /-0.25PF NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CAP 2700PF 50V 5% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CAP 3300PF 100V 1% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CAP 33PF 100V 10% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CAP 2200PF 50V 10% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR MARKED CAP 220PF 100V 1% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CAP 220PF 50V 2% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CAP 330PF 100V 5% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR MARKED CAP 330PF 50V 5% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CAP 24PF 50V 5% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR 20-Bit Buffer/Driver With 3-State Outputs 56-SSOP -40 to 85 CAP 100UF 63V ALUM ELECT, 20% LOW ESR SMD, 10X10.2 CAP 220PF 100V 10% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CAP 8200UF 450V ELECT SCREW TERM GLASS TUBE FOR DS80 IRON PKG/4 SERV SWITCH USB COAX CPU CABLES 50 FT SERV SWITCH USB COAX CPU CABLES 35 FT 512 KBIT (64KB X8) UV EPROM AND OTP EPROM 64K X 8 OTPROM, 200 ns, PDIP28 64K X 8 OTPROM, 100 ns, PDSO28 64K X 8 OTPROM, 150 ns, PQCC32 64K X 8 OTPROM, 120 ns, PDIP28 64K X 8 OTPROM, 120 ns, PQCC32 64K X 8 OTPROM, 200 ns, PQCC32
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
|