PART |
Description |
Maker |
SP6642 SP6642EU SP6642UEB SP6643 SP6643EU |
Single Alkaline Cell High Efficiency Step-Up DC-DC Converter Application Note:High Current Output Single Alkaline Cell, High Efficiency Step-Up DC-DC Converter
|
SIPEX[Sipex Corporation]
|
5962-8966603XX 5962-8966604XX 5962-8966602XX 5962- |
x9 Asynchronous FIFO 16µA IQ, 1.2A PWM Step-Down DC-DC Converters High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs SOT23, Dual-Input, USB/AC Adapter, 1-Cell Li Battery Chargers CMOS High-Speed, 8-Bit ADCs with Multiplexer and Reference X9热卖异步FIFO
|
Electronic Theatre Controls, Inc.
|
MAX640C/D MAX653C/D MAX653EPA MAX653ESA MAX653 MAX |
5V/3.3V/3V Adjustable, High-Efficiency, Low-IQ, Step-Down DC-DC Converters 700-mW Mono, Differential Input, Class-AB Audio Amplifier with Active Low Shutdown 8-SOIC -40 to 85 5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters 5V/3.3V/3V/可调、高效率、低IQ、降压型DC-DC转换 8-Bit Shift Register 24-SOIC -40 to 125 1 A SWITCHING REGULATOR, PDIP8 5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters 1 A SWITCHING REGULATOR, PDSO8
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
MAX1703ESE |
1-Cell to 3-Cell / High-Power 1.5A / Low-Noise / Step-Up DC-DC Converter
|
Maxim
|
LTC1911-1.8 LTC1911-1.5 LTC1911EMS8-1.5PBF LTC1911 |
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO8 250mA Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MAX1626 MAX1626ESA MAX1626-MAX1627 MAX1627 MAX1627 |
5V/3.3V or Adjustable / 100% Duty-Cycle / High-Efficiency / Step-Down DC-DC Controllers 5V/3.3V or Adjustable 100% Duty-Cycle High-Efficiency Step-Down DC-DC Controllers 5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers 0.05 A SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX1705C/D MAX1706C/D MAX1705D MAX1705EEE MAX1706D |
1- to 3-Cell / High-Current / Low-Noise / Step-Up DC-DC Converters with Linear Regulator PTSE 18C 18#20 SKT PLUG 1- to 3-Cell, High-Current, Low-Noise, Step-Up DC-DC Converters with Linear Regulator
|
Maxim Integrated Products, Inc.
|
TQP9321 TQP9321-15 TQP9321-PCB |
High Efficiency 0.5 W Small Cell PA
|
TriQuint Semiconductor
|
LTC3719 LTC3719EG |
2-Phase, High Efficiency, Step-Down Controller for AMD Opteron CPUs 2-Phase, High Efficiency, Step-Down Controller for AMD OpteronCPUs
|
Linear Technology
|
RT9907 RT9907GQV RT9907PQV |
3 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down
|
Richtek Technology Corporation
|