PART |
Description |
Maker |
CY2077 CY2077FSI CY2077SI CY2077ZC CY2077ZI CY2077 |
High-accuracy EPROM Programmable Single-PLL Clock Generator(高精度EPROM,可编程单PLL时钟发生 High-accuracy PLL with 12-bit multiplier and 10-bit divider
|
Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
ADIS16209CCCZ ADIS16209 ADIS16209_PCBZ ADIS16209/P |
High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
|
Analog Devices
|
LTC2984ILXPBF |
Multi-Sensor High Accuracy Digital Temperature Measurement System with EEPROM
|
Linear Technology
|
ADP3335 ADP3335ARM-18 ADP3335ARM-25 ADP3335ARM-285 |
0.3-16V; 200mW; 500MHz, high accuracy ultralow 500mA anyCAP low dropout regulator. For PCMCIA card, cellular phones, camcorders and cameras High Accuracy Ultralow IQ/ 500 mA anyCAP Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection High Accuracy Ultralow IQ, 500 mA anyCAP Low Dropout Regulator High Accuracy Ultralow Quiescent Current, 500mA, anyCAP?Low Dropout
|
Analog Devices, Inc. AD[Analog Devices] http://
|
MN3000 MN3000H_B MN3001 MN3002H_B MN3006 MN3006H_B |
High-accuracy 8-Bit D/A Converters
|
Integrated Circuit Syst... Integrated Circuit Systems
|
AN1830 |
ACHIEVING HIGH ACCURACY AND 13-BIT RESOLUTION WITH ST7LITE2 ADC
|
STMicroelectronics
|
MAX4007 MAX4008 MAX4008EUT-T MAX4007EUT-T |
"?High-Accuracy, 76V High-Side Current Monitor in SOT23" "High-Accuracy, 76V, High-Side Current Monitor with internal resistive load in SOT23" High-Accuracy, 76V, High-Side Current Monitors in SOT23
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
TMP112 TMP112-Q1 TMP112AIDRLR TMP112AIDRLT TMP112B |
<font color=red>[Old version datasheet]</font> High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
|
TI store
|
ADR425 AD586 |
Complete Dual, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DACs
|
Analog Devices
|
AD5764BSU AD5764CSU AD5764ASU AD5764 |
Complete, Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
|
AD[Analog Devices]
|
ADP3303 ADP3303AR-27 ADP3303AR-3 ADP3303AR-32 ADP3 |
High Accuracy anyCAP?200 mA Low Dropout Linear Regulator High Accuracy anyCAP® 200 mA Low Dropout Linear Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 2.7 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 RECTIFIER SCHOTTKY DUAL 40A 30V 375A-ifsm 0.58V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 5A 30V 175A-ifsm 0.55V-vf 0.5mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY DUAL 40A 50V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE High Accuracy anyCAP® 200 mA Low Dropout Linear Regulator High Accuracy anyCAP 200 mA Low Dropout Linear Regulator High Accuracy anyCAP⑩ 200 mA Low Dropout Linear Regulator High Accuracy anyCAP?/a> 200 mA Low Dropout Linear Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|