PART |
Description |
Maker |
C167CR-16RM C167CR-LM C167CR00 C167SR-LM C167CR-4R |
16-Bi t Single-Chip Microcont roller
|
Infineon Technologies AG
|
3820GROUP E3820G M38207E8HP 3820 M38203M2LXXXFP M3 |
8-BIT SINGLE-CHIP MICROCOMPUTER SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 From old datasheet system 3819 Series Microcontrollers: On-Chip Segment FLD Drivers with A-D/D-A Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric, Corp. Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
M16C30L M16C30M8 M16C30MA M16C30MC M3030M8 M3030MA |
16-BIT, MROM, 16 MHz, MICROCONTROLLER, PQFP100 14 X 20 MM, 0.65 MM PITCH, PLASTIC, QFP-100 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16CMOS微机 SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 单片16位CMOS微机 (M30302Mx) Single-Chip 16-Bit CMOS Microcomputer
|
Renesas Electronics, Corp. Renesas Electronics Corporation. http://
|
LPC2194 LPC2194JBD64 |
Single-chip 32-bit micro with CAN Single-chip 16/32-bit microcontrollers 256 kB ISP/IAP Flash with 10-bit ADC and CAN
|
PHILIPS[Philips Semiconductors]
|
LPC2387FBD100551 LPC2387FBD100 |
Single-chip 16-bit/32-bit MCU; 512 kB flash with ISP/IAP, Ethernet, USB 2.0 device/host/OTG, CAN, and 10-bit ADC/DAC Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC; Package: SOT407-1 (LQFP100); Container: Tray Dry Pack, Bakeable, Single 32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, PQFP100
|
NXP Semiconductors N.V.
|
LC866008 LC866012 LC866016 LC866020 LC866024 LC866 |
CMOS 8-Bit Single-Chip Microcomputers 8-Bit Single Chip Microcontroller with One-Time PROM
|
SANYO[Sanyo Semicon Device]
|
P80C552EFB P80C552EFA P83C552EFB/XXX P83C552IFA/XX |
80C552/83C552; Single-chip 8-bit microcontroller with 10-bit A/D, capture/compare timer, high-speed outputs, PWM Single-chip 8-bit microcontroller with 10-bit A/D, capture/compare timer, high-speed outputs, PWM; Package: SOT188-2 (PLCC68); Container: Tube Dry Pack Single-chip 8-bit microcontroller with 10-bit A-D, capture-compare timer, high-speed outputs, PWM Single-chip 8-bit microcontroller
|
NXP Semiconductors N.V. Philips Semiconductors
|
H838602R H8/38600R H8/38602R HD64338602R HD64F3860 |
Renesas 16-Bit Single-Chip Microcomputer 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
|
Renesas Electronics Corporation
|
UPD17136B UPD17136BCT-XXX UPD17136BGT-XXX UPD17934 |
17K series 4B microcomputer on-chip ROM (2048x16), RAM(112x4) 0.9V operating portable DTS controller 17K series 4B microcomputer on-chip ROM (1024x16), RAM (112x4) Automobile DTS controller Small general-purpose/remote-control 4-bit single-chip microcontroller Small general-purpose/remote-control 4-bit SC microcontroller(OTP version) OTP version 4-bit single-chip microcontroller 4-bit microcomputer 17K series with on-chip OTPROM 4-bit single-chip microcomputer with ROM(4Kx16), RAM(110x4) MOS integrated circuit UPD17402 OTP version Car-mounted DTS controller 4-bit single-chip microcomputer 17K series with PLL synthesizer General-purpose compact 4b micropomputer with 4K PROM
|
NEC
|
M68HC11CPU MC68B50 MC6802 |
8-BIT MPUS, 8-BIT MCUS, 8-BIT PERIPHERALS Single?Chip
Microcontrollers Single-Chip Microcontrollers (AMCU)
|
MOTOROLA[Motorola, Inc]
|
M37531M4T-XXXFP M37531M4T-XXXGP M37531M4T-XXXSP M3 |
Single Chip 8-Bit CMOS Microcomputer 7531/32/36 Series Microcontrollers: SLIM 740 (Low Cost MCU) Including USB Version SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
|
Mitsubishi Electric Corporation
|