PART |
Description |
Maker |
STAC9230X5TAEYYX STAC9227D5TAEYYX STAC9227X3TAEYYX |
8-CHANNEL HIGH DEFINITION AUDIO CODEC PCM CODEC, PQFP48
|
Integrated Device Technology, Inc.
|
AD1884 AD1884JCPZ AD1884JCPZ-RL |
High Definition Audio SoundMAX Codec PCM CODEC, QCC48
|
Analog Devices, Inc.
|
HMP9701 HMP9701CN HMP9701EVAL2 |
AC’97 Audio Codec AC97 Audio Codec
|
INTERSIL[Intersil Corporation]
|
AK452804 AK4528 |
24-bit 96kHz 110dB codec with DATT, soft mute High Performance 24Bit 96kHz Audio CODEC
|
AKM Asahi Kasei Microsystems
|
EMP202 |
Single-Chip Dual-Channel AC’97 Audio Codec for PC Audio Systems
|
ETC
|
CS4215-KL CS4215-KQ |
16-Bit Multimedia Audio Codec 16-Bit Multimedia Audio Codec SPECIALTY CONSUMER CIRCUIT, PQCC44 16-Bit Multimedia Audio Codec SPECIALTY CONSUMER CIRCUIT, PQFP100
|
CIRRUS LOGIC INC Cirrus Logic, Inc.
|
YMF743 |
AC?7 Revsion2.1 Audio CODEC with Digital Audio I/F
|
YAMAHA CORPORATION
|
AK4543 AK4543VQ |
AC?7 Rev 2.1 Multimedia Audio CODEC AC97 Rev 2.1 Multimedia Audio CODEC AC’97 Rev 2.1 Multimedia Audio CODEC
|
AKM[Asahi Kasei Microsystems]
|
AD74111 AD74111YRU AD74111YRUZ-REEL AD74111YRU-REE |
2.5 V, 24-Bit Sigma-Delta Mono CODEC Low Cost, Low Power Mono Audio Codec
|
Analog Devices, Inc.
|
WM8581 WM8581SERV WM8581SEFT WM8581SEFV |
Multichannel CODEC with S/PDIF Transceiver From old datasheet system multi-channel audio CODEC with S/PDIF transceiver.
|
WOLFSON[Wolfson Microelectronics plc]
|
SP3243UCY/TR SP3223UCY/TR SP3243UCR/TR SP3243UET/T |
Surround-Sound CODEC IC; IC Function:Surround-Sound CODEC IC; Package/Case:52-MQFP; Leaded Process Compatible:No; No. of Bits:24; Operating Temp. Max:85 C; Operating Temp. Min:-40 C; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors Surround-Sound CODEC IC; IC Function:Surround-Sound CODEC IC; Package/Case:52-MQFP; IC Generic Number:42438; Leaded Process Compatible:No; Number Surround-Sound CODEC IC; IC Function:Surround-Sound CODEC IC; Package/Case:64-LQFP; Leaded Process Compatible:No; No. of Bits:24; No. of Channels:8 Surround-Sound CODEC IC; IC Function:Surround-Sound CODEC IC; Package/Case:64-LQFP; IC Generic Number:CS42416; Leaded Process Compatible Surround-Sound CODEC IC; IC Function:Surround-Sound CODEC IC; Package/Case:28-SSOP; Leaded Process Compatible:No; No. of Bits:24; No. of Channels:3 Audio CODEC IC; IC Function:Audio Codec; Package/Case:52-MQFP; Leaded Process Compatible:No; No. of Channels:6; Operating Temp. Max:85 C; Operating Temp. Min:-40 C; Peak Reflow Compatible (260 C):No; Sink Output Current:10uA RoHS Compliant: Yes High Speed Intelligent 3.0V to 5.5V RS-232 Transceivers
|
http:// Sipex Corporation
|
HMP9701A HMP9701ACN |
AC?7 Audio Codec
|
Intersil Corporation
|