PART |
Description |
Maker |
74ALS74A 74ALS74AD 74ALS74ADB 74ALS74AN 74ALS74 |
Dual D-type flip-flop with set and reset ALS SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO14
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74FR1074 74FR1074SCX |
FR/FASTR SERIES, DUAL NEGATIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO14 0.150 INCH, MS-012, SOIC-14 From old datasheet system Dual D-Type Flip-Flop
|
Fairchild Semiconductor, Corp.
|
74AUP2G79GF 74AUP2G79GS |
Low-power dual D-type flip-flop; positive-edge trigger AUP/ULP/V SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO8
|
NXP Semiconductors N.V.
|
MC10H131FNG MC10H131FN MC10H13106 MC10H135FNG MC10 |
Dual D Type Master?Slave Flip?Flop Dual D Type Master−Slave Flip−Flop Dual J?K Master?Slave Flip?Flop Universal Hexadecimal Counter Four?Bit Universal Shift Register Quad 2?Input Multiplexer (Non?Inverting) 12?Bit Parity Generator?Checker Binary to 1?8 Decoder (Low) Binary to 1?8 Decoder (High) 8?Line Multiplexer 8?Input Priority Encoder 5?Bit Magnitude Comparator Dual Binary to 1?4?Decoder (High)
|
ONSEMI[ON Semiconductor]
|
74LCX74SJ 74LCX74MX_NL 74LCX74 74LCX74BQX 74LCX74M |
Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop with 5V Tolerant Inputs Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop with 5V Tolerant Inputs LVC/LCX/Z SERIES, DUAL POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, QCC14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
HEC4027BT-T HEC4027BT112 HEC4027BT118 |
Dual JK flip-flop 4000/14000/40000 SERIES, DUAL POSITIVE EDGE TRIGGERED J-K FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO16 Dual JK flip-flop; Package: SOT109-1 (SO16); Container: Tube 4000/14000/40000 SERIES, DUAL POSITIVE EDGE TRIGGERED J-K FLIP-FLOP, COMPLEMENTARY OUTPUT, PDSO16 Dual JK flip-flop; Package: SOT109-1 (SO16); Container: Reel Pack, SMD, 13"
|
NXP Semiconductors N.V.
|
74LVX112M 74LVX112MTC 74LVX112 74LVX112SJX |
J-K-Type Flip-Flop Low Voltage Dual J-K Flip-Flops with Preset and Clear From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
74LCXH162374MTX 74LCXH162374 74LCXH162374GX 74LCXH |
Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26з Series Resistors in Outputs LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 From old datasheet system Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26 Ohm Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26 Series Resistors in Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74ACTQ821 74ACTQ821SC 74ACTQ821SPC |
Quiet Seriesa?10-Bit D-Type Flip-Flop with 3-STATE Outputs Quiet Seriesa⑩ 10-Bit D-Type Flip-Flop with 3-STATE Outputs Quiet Seriesa 10-Bit D-Type Flip-Flop with 3-STATE Outputs Quiet Seriesa10-Bit D-Type Flip-Flop with 3-STATE Outputs ACT SERIES, 10-BIT DRIVER, TRUE OUTPUT, PDIP24
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
CD40175BMS FN3360 |
CMOS Quad D Type Flip-Flop(CMOS D触发 的CMOSD型触发器触发器的CMOS四) CMOS Quad ‘D’ Type Flip-Flop From old datasheet system CMOS Quad ??Type Flip-Flop CMOS Quad ‘D Type Flip-Flop
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
74AC377MTC |
Octal D-Type Flip-Flop with Clock Enable AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20
|
Fairchild Semiconductor, Corp.
|