PART |
Description |
Maker |
MC74HC04 MC74HC04A MC74HC04AD MC74HC04ADR2 MC74HC0 |
Hex Inverter Hex Inverter High-Performance Silicon-Gate CMOS CERAMIC CHIP/MIL-PRF-55681 HC/UH SERIES, HEX 1-INPUT INVERT GATE, PDIP14
|
ONSEMI[ON Semiconductor]
|
74AHCT04D-T |
Hex inverter - Description: Hex Inverter; TTL Enabled ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: /- 8 mA ; Power dissipation considerations: Low Power ; Propagation delay: 3 ns; Voltage: 4.5-5.5 V
|
NXP SEMICONDUCTORS
|
74HCU04BQ |
Hex inverter HC/UH SERIES, HEX 1-INPUT INVERT GATE, PQCC14
|
NXP Semiconductors N.V.
|
MC74LVX04DTR2 MC74LVX04DR2 |
Hex Inverter With 5 V−Tolerant Inputs LV/LV-A/LVX/H SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
ON Semiconductor
|
74LS06 HD74LS06 HD74LS06FPSMD HD74LS06PDIP HD74LS0 |
LS SERIES, HEX 1-INPUT INVERT GATE, PDIP14 Hex Inverters Buffers/Drivers with Open Collector High-Voltage output HEX INVERTER BUFFERS/DRIVERS WITH OPEN-COLLECTOR HIGH-VOLTAGE OUTPUTS LOGIC GATE|HEX INVERTER|LS-TTL|SOP|14PIN|PLASTIC LOGIC GATE|HEX INVERTER|LS-TTL|DIP|14PIN|PLASTIC Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:8; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight
|
HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
74LCX14MNL |
Low Voltage Hex Inverter with 5V Tolerant Schmitt Trigger Inputs LVC/LCX/Z SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
Fairchild Semiconductor, Corp.
|
74LVU04BQ115 74LVU04BQ |
Hex inverter; Package: SOT762-1 (DHVQFN14); Container: Reel Pack, SMD, 7" LV/LV-A/LVX/H SERIES, HEX 1-INPUT INVERT GATE, PQCC14
|
NXP Semiconductors N.V.
|
74LVX14SJ 74LVX14SJX 74LVX14MTCX 74LVX14MTCXNL 74L |
Low Voltage Hex Inverter with Schmitt Trigger Input LV/LV-A/LVX/H SERIES, HEX 1-INPUT INVERT GATE, PDSO14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
CD4069UBC CD4069UBC_02 CD4069UBCM CD4069UBCN CD406 |
LOGIC GATE|HEX INVERTER|CMOS|SOP|14PIN|PLASTIC 逻辑门|六角逆变器|的CMOS |专科| 14PIN |塑料 Inverter Circuits
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MC74AC14DTR2G MC74AC1406 MC74AC14DR2G MC74ACT14DR2 |
Hex Inverter Schmitt Trigger; Package: PDIP-14; No of Pins: 14; Container: Rail; Qty per Container: 500 ACT SERIES, HEX 1-INPUT INVERT GATE, PDIP14
|
Rectron Semiconductor ONSEMI[ON Semiconductor]
|