PART |
Description |
Maker |
TC913A TC913ACOA TC913ACPA TC913BCOA TC913BCPA TC9 |
The TC913 is a monolithic, auto-zeroed operational amplifier. Elimination of the external capacitors allows the designer to increase reliability, lower cost,and simplify design by lowering parts count. Since the TC913 is an auto-zeroing op Dual Auto-Zeroed Operational Amplifiers
|
MICROCHIP[Microchip Technology]
|
RIRC-C1-50A RIRC-C1-50B RIRC-C1-50C RIRC-C1-50D RI |
Auto Focus/Auto Iris Infrared LED Camera
|
American Accurate Components, Inc.
|
C1210X475M5RACAUTO-17 |
Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 4.7 uF, 20%, 50 V, 1210, X7R, SMD, MLCC, FT-CAP, Automotive Grade
|
Kemet Corporation
|
C0603C103M5RACAUTO-17 |
Ceramic, AUTO-(CxxxxC-AUTO), 0.01 uF, 20%, 50 V, 0603, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
|
Kemet Corporation
|
C1206C225K5RACAUTO-17 |
Ceramic, AUTO-(CxxxxC-AUTO), 2.2 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
|
Kemet Corporation
|
FSW-0511 |
Provides flexibility of 5x 10/100BASE-TX ports 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
|
Level One
|
C1206C224K5RACAUTO |
Ceramic, AUTO-(CxxxxC-AUTO), 0.22 uF, 10%, 50 V, 1206, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
|
Kemet Corporation
|
MC10H130FN MC10H130L MC10H130P ON0752 |
Dual In/Single Out Autoswitching Power MUX, Manual/Auto Sw, Adj. Cur Limit, Adj. Vol Threshold 8-TSSOP -40 to 85 10H SERIES, DUAL LOW LEVEL TRIGGERED D LATCH, COMPLEMENTARY OUTPUT, PDIP16 From old datasheet system Dual Latch
|
Motorola Mobility Holdings, Inc. Motorola, Inc.
|
C0805C222K5RACAUTO |
Ceramic, AUTO-(CxxxxC-AUTO), 2200 pF, 10%, 50 V, 0805, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
|
Kemet Corporation
|
C1206C105K1RACAUTO |
Ceramic, AUTO-(CxxxxC-AUTO), 1 uF, 10%, 100 V, 1206, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
|
Kemet Corporation
|
C0603C330J5GACAUTO |
Ceramic, AUTO-(CxxxxC-AUTO), 33 pF, 5%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade
|
Kemet Corporation
|
C0603C102J5GACAUTO |
Ceramic, AUTO-(CxxxxC-AUTO), 1000 pF, 5%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade
|
Kemet Corporation
|
|