PART |
Description |
Maker |
STK730-010 |
Self-excitation Type Semi-Regulated
|
Inchange Semiconductor Company Limited
|
SI-8050E SI-8000E SI-8090E SI-B8050E SI-8120E |
Full-Mold, Separate Excitation Switching Type 0.61 A SWITCHING REGULATOR, 60 kHz SWITCHING FREQ-MAX, ZFM5 Full-Mold Separate Excitation Switching Type Full-Mold/ Separate Excitation Switching Type
|
Sanken Electric Co., Ltd. Sanken Electric Co.,Ltd. SANKEN[Sanken electric]
|
SM2930-33 |
Voltage Regu lator
|
SeCoS Halbleitertechnologie GmbH
|
STA802M STA801 STA801M SANKENELECTRICCOLTD-STA801M |
2-Output Separate Excitation Step-down Switching Mode 2-OUTPUT SEPARATE EXCITATION SWITCHING TYPE
|
SANKEN[Sanken electric] Sanken Electric Co.,Ltd.
|
AN77L00 AN77L00M AN77L03 AN77L035 AN77L035M AN77L0 |
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, Cell with body o-ring, 10 Vdc excitation 5 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PSSO3 3-pin Low Power Loss Voltage Regulato r(100mA Type) Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, flush mount with flange, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, 1/4-18 NPT, 10 Vdc excitation Series 3-Pin Low Power Loss Voltage Regulator Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, 1/4-18 NPT, 10 Vdc excitation 3-pin Low Power Loss Voltage Regulato (100mA Type)
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
MAY3363K |
Single Color Semi-Round Shape Type
|
STANLEY ELECTRIC CO., LTD.
|
MPG3373K |
Single Color Semi-Round Shape Type 单色半圆形型
|
Stanley Electric Co., Ltd.
|
AI-98 |
SMA Right Angle Connectors, Direct Solder Type for Semi-Rigid Cable
|
ITT[ITT Industries]
|
SI-8921L SI-8811L SI-8922L SI-8800L SI-8911L |
Separate Excitation Switching Type with Transformer 0.3 A SWITCHING REGULATOR, 68 kHz SWITCHING FREQ-MAX, DMA9 Separate Excitation Switching Type with Transformer 0.45 A SWITCHING REGULATOR, 50 kHz SWITCHING FREQ-MAX, DMA9
|
Sanken Electric Co., Ltd. Sanken Electric Co.,Ltd. SANKEN[Sanken electric]
|
SI-8401L SI-8401 SI-8504L SI-8400L SI-8405L SI-850 |
Separate Excitation Switching Type with Coil 1.1 A SWITCHING REGULATOR, 60 kHz SWITCHING FREQ-MAX, DMA5
|
Sanken Electric Co., Ltd. Sanken Electric Co.,Ltd. SANKEN[Sanken electric]
|
|