PART |
Description |
Maker |
SST39SF020 |
2 Megabit (256K x 8) Multi-Purpose Flash
|
Silicon Storage Technology
|
SST39SF020-70-4C-UH SST39SF020-90-4C-N SST39SF020- |
2 Megabit (256K x 8) Multi-Purpose Flash 64 Mbit (x16) Multi-Purpose Flash Plus 64兆位(x16)的多功能闪存加
|
Silicon Storage Technology, Inc. Silicon Storage Technology Inc FLASH
|
933152041 933330022 695040333 695040332 933353021 |
KABELBUCHSE PVC 4POLIG GERADE 2M KABEL KUPPLUNG M12 PUR 3POLIG GERADE 5M KABEL EINBAUBUCHSEN 5POLIG MIT NUT 3.0V/3.3V Microprocessor Supervisory Circuits KABELBUCHSE PUR 3POLIG ABGEWINK 2M KABEL KABELBUCHSE PUR 3POLIG GERADE 2M KABEL KABELBUCHSE聚氨POLIG收听200万布
|
Chicago Miniature Lighting, LLC
|
DPS128X16A3-85M DPS128X16H3-85M DPS128X16H3-85B DP |
256K X 8 MULTI DEVICE SRAM MODULE, 85 ns, CPGA50 CERAMIC, MODULE, SLCC, PGA-50 256K X 8 MULTI DEVICE SRAM MODULE, 85 ns, CQFP48 GULLWING, SLCC-48 256K X 8 MULTI DEVICE SRAM MODULE, 85 ns, CQIP48 SLCC-48
|
Twilight Technology, Inc.
|
AM29LV400B AM29LV400BB120EC AM29LV400BB120ECB AM29 |
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory FEEDTHRU CAPACITOR, 47PF 3A 100VFEEDTHRU CAPACITOR, 47PF 3A 100V; Capacitance:0.047nF; Voltage rating, DC:100V; Capacitor dielectric type:Ceramic Multi-Layer; Tolerance, :50%; Tolerance, -:20%; Temp, op. max:125(degree C); Temp, op. Ceramic Multilayer Capacitor; Capacitance:470pF; Capacitance Tolerance: 50, -20 %; Working Voltage, DC:50V; Dielectric Characteristic:X7R; Package/Case:1206; Series:W3F; Leaded Process Compatible:Yes Am29LV400B KGD (Known Good Die Supplement) INNOLINE: High Voltage Input Series - For Telecom DSM, XDSL, Aplication- Internal Pi Filter- Multi-Outputs- Overcurrent Protection- High Efficiency to 80% 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 3V PROM, 120 ns, PBGA48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 256K X 16 FLASH 3V PROM, 120 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 4兆位12x 8-Bit/256x 16位).0伏的CMOS只引导扇区闪 CAP CERM 2.2UF 4V X7R 0612 20% 4兆位12亩x 8-Bit/256亩x 16位).0伏的CMOS只引导扇区闪 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 8 FLASH 3V PROM, 70 ns, PDSO48
|
http:// AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. Electronic Theatre Controls, Inc.
|
CYM1841APR-20C CYM1841BPZ-25C CYM1841APY-20C CYM18 |
x32 SRAM Module X32号的SRAM模块 256K X 32 MULTI DEVICE SRAM MODULE, 15 ns, PSMA72 PLASTIC, SIMM-72 256K X 32 MULTI DEVICE SRAM MODULE, 35 ns, PSMA72 PLASTIC, SIMM-72 256K X 32 MULTI DEVICE SRAM MODULE, 20 ns, PSMA72 PLASTIC, SIMM-72 256K X 32 MULTI DEVICE SRAM MODULE, 45 ns, PSMA72 PLASTIC, SIMM-72 256K X 32 MULTI DEVICE SRAM MODULE, 45 ns, PSMA64 PLASTIC, SIMM-64 256K X 32 MULTI DEVICE SRAM MODULE, 25 ns, PSMA64 PLASTIC, SIMM-64 256K X 32 MULTI DEVICE SRAM MODULE, 15 ns, PZMA64 PLASTIC, ZIP-64
|
Cypress Semiconductor, Corp. Everlight Electronics Co., Ltd. Pyramid Semiconductor, Corp. YEONHO Electronics Co., Ltd.
|
AM28F020 AM28F021 AM28F020-120EC AM28F020-120EE AM |
3 Megabit (256 K x 8-Bit) CMOS 12.0 Volt Bulk Erase Flash Memory(509.20 k) Rectangular Connector; Body Material:Polyester; Series:8016; Number of Contacts:38; Contact Material:Phosphor Bronze; Contact Plating:Gold Over Nickel; Gender:Male; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Rectangular Connector; Body Material:Polyester; Series:8016; Number of Contacts:38; Contact Material:Phosphor Bronze; Contact Plating:Gold Over Nickel; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 2兆位56亩8位)的CMOS 12.0伏,整体擦除闪存 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 90 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 90 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 2兆位256亩8位)的CMOS 12.0伏,整体擦除闪存 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 200 ns, PQCC32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 150 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 120 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 120 ns, PDIP32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 200 ns, PDSO32 2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory 256K X 8 FLASH 12V PROM, 150 ns, PQCC32
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AT49BV4096A AT49BV4096A-12RC AT49BV4096A-12RI AT49 |
LM4250 Programmable Operational Amplifier; Package: SOIC NARROW; No of Pins: 8 256K X 16 FLASH 2.7V PROM, 120 ns, PDSO40 LM4308 Mobile Pixel Link Two (MPL-2) - 18-bit CPU Display Interface Master/Slave; Package: MICRO-ARRAY; No of Pins: 49 256K X 16 FLASH 2.7V PROM, 120 ns, PDSO40 4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory 256K X 16 FLASH 2.7V PROM, 120 ns, PDSO48
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
CYM1841BPZ-20C CYM1841BPZ-45C CYM1841BP7-15C CYM18 |
256K X 32 MULTI DEVICE SRAM MODULE, 35 ns, SMA64 PLASTIC, SIMM-64 256K X 32 MULTI DEVICE SRAM MODULE, 45 ns, SMA64 PLASTIC, SIMM-64 256K X 32 MULTI DEVICE SRAM MODULE, 15 ns, SMA64 PLASTIC, SIMM-64 256K X 32 MULTI DEVICE SRAM MODULE, 25 ns, SMA64 PLASTIC, SIMM-64 256K X 32 MULTI DEVICE SRAM MODULE, 20 ns, SMA72 PLASTIC, SIMM-72 256K x 32 Static RAM Module
|
Cypress Semiconductor, Corp.
|
AT49F2048A AT49F2048A-70RC AT49F2048A-70RI AT49F20 |
2M bit, 5-Volt Read and 5-Volt Write Flash, Bottom Boot From old datasheet system 2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory 128K X 16 FLASH 5V PROM, 90 ns, PDSO44 2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory 128K X 16 FLASH 5V PROM, 90 ns, PDSO48
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
SST39SF010A-45-4I-WH SST39SF020A-45-4I-WH SST39SF0 |
64 Mbit (x16) Multi-Purpose Flash Plus 128K X 8 FLASH 5V PROM, 45 ns, PDSO32 64 Mbit (x16) Multi-Purpose Flash Plus 256K X 8 FLASH 5V PROM, 45 ns, PQCC32 64 Mbit (x16) Multi-Purpose Flash Plus 256K X 8 FLASH 5V PROM, 70 ns, PQCC32 64 Mbit (x16) Multi-Purpose Flash Plus 512K X 8 FLASH 5V PROM, 70 ns, PQCC32 64 Mbit (x16) Multi-Purpose Flash Plus 256K X 8 FLASH 5V PROM, 70 ns, PDIP32 64 Mbit (x16) Multi-Purpose Flash Plus 64兆位(x16)的多功能闪存加
|
Silicon Storage Technology, Inc. PROM SILICON STORAGE TECHNOLOGY INC
|
|