PART |
Description |
Maker |
AK4550VT AKM4550 AKD4550 AK4550 AK4550VTP-E2 AK535 |
Enchanced dual bit 20 bit ADC SPECIALTY CONSUMER CIRCUIT, PDSO16 JT 41C 41#20 PIN PLUG LOW POWER & SMALL PACKAGE 16BIT CODEC Low Power & Samll Package 16bit ## CODEC LOW POWER & SMALL PACKAGE 16BIT CODEC
|
Asahi Kasei Microsystems Co.,Ltd AKM[Asahi Kasei Microsystems] Asahi Kasei Microsystem...
|
HY57V641620HGT-6I HY57V641620HGT-7I HY57V641620HGT |
SDRAM - 64Mb 4 Banks x 1M x 16Bit Synchronous DRAM 4M X 16 SYNCHRONOUS DRAM, 6 ns, PDSO54 4 Banks x 1M x 16Bit Synchronous DRAM 4M X 16 SYNCHRONOUS DRAM, 5 ns, PDSO54 x16 SDRAM x16内存 4 Banks x 1M x 16Bit Synchronous DRAM 4M X 16 SYNCHRONOUS DRAM, 4.5 ns, PDSO54 CAP 0.01UF 50V 10% X7R SMD-0805 TR-13 PLATED-NI/SN Ceramic Multilayer Capacitor; Capacitance:10000pF; Capacitance Tolerance: /- 10 %; Working Voltage, DC:50V; Dielectric Characteristic:X7R; Package/Case:0805; Series:MLCC; Dielectric Material:Ceramic; Leaded Process Compatible:Yes CAP SMD 0805 .01UF 50V 5% CONNECTOR ACCESSORY From old datasheet system
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc. HYNIX[Hynix Semiconductor]
|
TB62708N EE08582 |
16BIT SHIFT REGISTER / LATCHES & CONSTANT CURRENT SOURCE DRIVER From old datasheet system 16BIT SHIFT REGISTER, LATCHES & CONSTANT CURRENT SOURCE DRIVERS
|
Toshiba Semiconductor
|
AKD4550-E |
16bit A/D and D/A converter
|
Asahi Kasei Microsystems
|
KM416C256DLJ-7 KM416V256DLJ-5 KM416C256DLJ-5 KM416 |
256K x 16Bit CMOS dynamic RAM with fast page mode, 70ns, 5V, self-refresh capability 256K x 16Bit CMOS dynamic RAM with fast page mode, 50ns, 3.3V, self-refresh capability 256K x 16Bit CMOS dynamic RAM with fast page mode, 50ns, 5V, self-refresh capability 256K x 16Bit CMOS dynamic RAM with fast page mode, 60ns, 5V, self-refresh capability 256K x 16Bit CMOS dynamic RAM with fast page mode, 60ns, 3.3V, self-refresh capability 256K x 16Bit CMOS dynamic RAM with fast page mode, 70ns, 3.3V, self-refresh capability
|
Samsung Electronic
|
BU7858KN |
16bit D/A Converter Audio Path
|
Rohm
|
HY57V561620CLT-6 HY57V561620CLT-8 HY57V561620CLT-K |
4 BANKS X 4M X 16BIT SYNCHRONOUS DRAM
|
Hynix Semiconductor
|
AKD5355 AK5355VN AK535505 AK5355VT |
Low Power 16bit ΔΣ ADC
|
Asahi Kasei Microsystems Asahi Kasei Microsystem...
|
AKD5700-A |
digital audio 16bit A/D converter
|
Asahi Kasei Microsystems
|
M12L32162A-5.5BG M12L32162A09 M12L32162A-5.5TG M12 |
1M x 16Bit x 2Banks Synchronous DRAM
|
Elite Semiconductor Memory Technology Inc.
|
BU7893GU-E2 |
Mixer & Selector With 16bit D/A Converters
|
Rohm
|