PART |
Description |
Maker |
HY62U8100B-E HY62U8100B-I HY62U8100BLLG HY62U8100B |
Low Power Slow SRAM - 1Mb 128K x8 bit 3.0V Low Power CMOS slow SRAM x8|3V|70/85/100|Low Power Slow SRAM - 1M
|
Hynix Semiconductor
|
PS7622A-2A PS7622A-2A-F3 PS7622A-2A-F4 |
8-PIN SOP, SLOW TYPE, 260 V BREAK DOWN VOLTAGE 2-CH OPTICAL COUPLED MOS FET 8引脚SOP,慢型,打破260 V电压2通道光学耦合场效应晶体管
|
NEC, Corp. NEC Corp.
|
4N28STA-V 4N38S1TA-V 4N28S1TA-V 4N38STA 4N38STA-V |
1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER ROHS COMPLIANT, SURFACE MOUNT, DIP-6 6 PIN DIP PHOTOTRANSISTOR
|
Everlight Electronics Co., Ltd. EVERLIGHT ELECTRONICS CO LTD
|
CNX82A1 SL5583.W CNX82A.W CNX83A.W SL5582.W SL5583 |
6-PIN PHOTOTRANSISTOR OPTOCOUPLERS 6-Pin DIP Package Phototransistor Output Optocoupler 6-Pin DIP Phototransistor Output Optocoupler - No Base Connection
|
FAIRCHILD[Fairchild Semiconductor]
|
FLQ8_10 FLQ FLQ1_10 FLQ1_2 FLQ1_4 FLQ1_8 FLQ10 FLQ |
SLOW BLOW ELECTRIC FUSE, 1.5A, 500VAC, 10000A (IR), INLINE/HOLDER Axial Lead and Cartridge Fuses - Midget TNPW, 0603, 23.2 kOhm, 0.1%, 25 ppm Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:33pF/ft; Conductor Material:Copper RoHS Compliant: Yes COMPUTER ACCESSORY CONNECTOR ACCESSORY SLOW BLOW ELECTRIC FUSE, 10A, 500VAC, 10000A (IR), INLINE/HOLDER SLOW BLOW ELECTRIC FUSE, 7A, 500VAC, 10000A (IR), INLINE/HOLDER SLOW BLOW ELECTRIC FUSE, 3.2A, 500VAC, 10000A (IR), INLINE/HOLDER
|
LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
1110267-N-P |
68-Pin PLCC-to-DIP 64-Pin Motorola MC68HC000 Adapter
|
Aries Electronics, Inc.
|
PA28-28-DP |
28 pin DIP ZIF socket/28 pin PLCC plug
|
List of Unclassifed Man...
|
CNX36USD CNX36U300W CNX36U3S CNX36U3SD CNX35U300W |
6-Pin DIP High BVceo Phototransistor Output Optocoupler 6-Pin DIP Package Phototransistor Output Optocoupler
|
Fairchild Semiconductor
|
PA40-44-X-DZ-PP PA40-44-X-DP-PP |
40 pin DIP socket/44 pin PLCC plug
|
List of Unclassifed Man...
|
PA40-44-P64-DP-QF PA40-44-P64-DZ-QF |
40 pin DIP socket/44 pin QFP plug
|
List of Unclassifed Man...
|
PA51-44Z |
44 pin PLCC socket/40 pin DIP 0.6?plug
|
List of Unclassifed Man...
|
HY62V8100B HY62V8100BLLT1 HY62V8100BLLG-E HY62V810 |
Low Power Slow SRAM - 1Mb 128K x8 bit 3.3V Low Power CMOS slow SRAM
|
HYNIX[Hynix Semiconductor]
|