PART |
Description |
Maker |
AT1240DN-5.0TRG1 |
General Purpose ITVS, 4 I/Os, CI/O-VSS<0.65pF
|
BCD Semiconductor Manufacturing Limited
|
AT2140 AT2140K6-5.0TRG1 |
High Performance ITVS, 4 I/Os, CI/O-VSS<0.6pF, VCC with Blocking Diodes
|
BCD Semiconductor Manufacturing Limited BCD Semiconductor Manufactu...
|
M9280 |
VDD CONTROL
|
ETC List of Unclassifed Manufacturers
|
MAX1253 MAX1254 MAX1253BEUE MAX1253AEUE MAX1254AEU |
Stand-Alone, 10-Channel, 12-Bit System Monitors with Internal Temperature Sensor and VDD Monitor 9-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO16 Stand-Alone / 10-Channel / 12-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
|
http:// Maxim Integrated Products, Inc.
|
MT8808 |
8 x 8 Analog Switch Array with Low On-resistance, for (VDD - VEE) = 4.5 V to 13.2 V
|
Zarlink Semiconductor
|
2SK3322 |
Low gate charge QG = 15 nC TYP. (VDD = 450V, VGS = 10 V, ID = 5.5A)
|
TY Semiconductor Co., Ltd
|
MT8806 |
8 x 4 Analog Switch Array with Low On-resistance, for (VDD - VEE) = 4.5 V to 13.2 V
|
Zarlink Semiconductor
|
MT8804A |
8 x 4 Analog Switch Array with Low On-resistance, for (VDD - VEE) = 5 V to 15 V
|
Zarlink Semiconductor
|
2SK3116 |
Low gate charge QG = 26 nC TYP. (ID = 7.5 A, VDD = 450 V, VGS = 10 V) N-Channel MOSFET
|
TY Semiconductor Co., L... TY Semicondutor
|
5962-8953101HXC |
Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor 16位数字到模拟转换
|
Murata Power Solutions, Inc.
|
DRF1203 |
RF Hybrid with driver MOSFET; P(out) (W): 650; fO (MHz): 30; VDD (V): 15; BVDSS (V): 1000; RqJC (ºC/Watt): 0.14; Case Style: T2B; COO: D-E 8 A BUF OR INV BASED MOSFET DRIVER, DMA10
|
Microsemi, Corp.
|
VRF152E VRF152EMP VRF152E10 |
RF MOSFET (VDMOS) for 50V operation; P(out) (W): 150; P(in) (W): 6; Gain (dB): 14; VDD (V): 50; Coss (pF): 220; Case Style: M174 VHF BAND, Si, N-CHANNEL, RF POWER, MOSFET RF POWER VERTICAL MOSFET
|
Microsemi, Corp. Microsemi Corporation
|