PART |
Description |
Maker |
BD8960NV-E2 BD8960NV10 |
2 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO8 5 X 6 MM, ROHS COMPLIANT, SON-8 Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
|
Rohm
|
MP161 MP161A-33 MP161A-5 MP161AGS-5 MP161B-33 MP16 |
Power Solution with Ultra-Low Standby Power, Integrated Switching Regulator, Linear Regulator, and Relay Driver
|
Monolithic Power System...
|
TEA152X10 TEA1522P/N2112 TEA1522T/N2518 TEA1521T/N |
SMPS ICs for low-power systems; Package: SOT97-1 (DIP8); Container: Tube 1 A SWITCHING REGULATOR, 200 kHz SWITCHING FREQ-MAX, PDIP8 SMPS ICs for low-power systems; Package: SOT108-1 (SO14); Container: Reel Dry Pack, SMD, 13" 1 A SWITCHING REGULATOR, 200 kHz SWITCHING FREQ-MAX, PDSO14 SMPS ICs for low-power systems; Package: SOT108-1 (SO14); Container: Reel Dry Pack, SMD, 13" 0.5 A SWITCHING REGULATOR, 200 kHz SWITCHING FREQ-MAX, PDSO14 SMPS ICs for low-power systems Rev. 04 ?14 September 2010 SMPS ICs for low-power systems
|
NXP Semiconductors N.V.
|
LTC1430ISPBF LTC1430-15 |
High Power Step-Down Switching Regulator Controller Isolated Flyback Switching Regulator with 9V Output SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp.
|
MC33363B MC33363BP |
HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR Isolated Flyback Switching Regulator with 9V Output 1 A SWITCHING REGULATOR, 315 kHz SWITCHING FREQ-MAX, PDIP13
|
Motorola ON Semiconductor
|
LT1111CS8-5TRPBF LT1111IS8-5 LT1111IJ8-5 LT1111IN8 |
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDSO8 SWITCHING REGULATOR, PDSO8 SWITCHING REGULATOR, CDIP8 SWITCHING REGULATOR, PDIP8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LNK500GN-TL LNK500PN |
IC SWITCHER CV CV/CC EFF 8SMD 0.4 A SWITCHING REGULATOR, 49.5 kHz SWITCHING FREQ-MAX, PDSO7 0.4 A SWITCHING REGULATOR, 49.5 kHz SWITCHING FREQ-MAX, PDSO7 LEADS FREE, PLASTIC, SMT, DIP-8 IC SWITCHER CV CV/CC EFF 8DIP 0.4 A SWITCHING REGULATOR, 49.5 kHz SWITCHING FREQ-MAX, PDIP7 Energy Efficient, CV or CV/CC Switcher for Very Low Cost Adapters and Chargers
|
Power Integrations, Inc.
|
BD8963EFJ |
Low Noise High-efficiency Switching Regulator with Built-in Power MOSFET
|
Rohm
|
SI-8501LE SI-8502LE SI-8503LE SI-8504LE SI-8505LE |
Separate Excitation Switching Regulator with Coil(12V带线圈分激开关稳压器) 1 A SWITCHING REGULATOR, 60 kHz SWITCHING FREQ-MAX, DSS5 Separate Excitation Switching Regulator with Coil(3.3V带线圈分激开关稳压器) Separate Excitation Switching Regulator with Coil(5V带线圈分激开关稳压器) Switching Regulator IC with Coil
|
Sanken Electric Co., Ltd. Sanken Electric Co.,Ltd.
|
|