PART |
Description |
Maker |
MC74HC299N MC74HC299 MC74HC299DW ON1408 |
8-Bit Bidirectional Universal Shift Register with Parallel I/O 8-BIT BIDIRECTIONAL UNIVERSAL SHLFT REGLSTER WLTH PARALLEL 1/0 From old datasheet system
|
Motorola, Inc ON Semi MOTOROLA[Motorola Inc]
|
74LVTH16501 74LVTH16501MTD 74LVTH16501MEA 74LVTH16 |
8K SPI 1K X 8, 17B PAGE, 2.5V SER EE, -40C to 85C, 8-TSSOP, TUBE LVT SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 Low Voltage 18-Bit Universal Bus Transceivers with 3-STATE Outputs Preliminary Low Voltage 18-Bit Universal Bus Transceivers with Bushold and 3-STATE Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LVTH16500MEAX 74LVTH16500GX 74LVTH16500MTDX |
8K SPI 1K X 8, 16B PAGE, 2.5V SER EE, -40C to 85C, 8-PDIP, TUBE 18位总线收发 Low Voltage 18-Bit Universal Bus Transceivers with Bushold and 3-STATE Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3-STATE Outputs
|
Fairchild Semiconductor, Corp.
|
AT49F1614T-70CC AT49F1604T-70UC AT49F1604T-70UI AT |
10-Bit Universal Schmitt-Trigger Buffers With 3-State Outputs 24-PDIP -40 to 85 Automotive Catalog Dual Positive-Edge-Triggered D-Type Flip-Flop 14-TSSOP -40 to 125 10-Bit Universal Schmitt-Trigger Buffers With 3-State Outputs 24-SOIC -40 to 85 Automotive Catalog Dual Positive-Edge-Triggered D-Type Flip-Flop 14-SOIC -40 to 125 10-Bit Universal Schmitt-Trigger Buffers With 3-State Outputs 24-TSSOP -40 to 85 2M X 8 FLASH 5V PROM, 70 ns, PDSO48 10-Bit Universal Schmitt-Trigger Buffers With 3-State Outputs 24-TVSOP -40 to 85 2M X 8 FLASH 5V PROM, 70 ns, PBGA48 10-Bit Universal Schmitt-Trigger Buffers With 3-State Outputs 24-TSSOP -40 to 85 1M X 16 FLASH 5V PROM, 90 ns, PDSO48 16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory 2M X 8 FLASH 5V PROM, 70 ns, PBGA48
|
Atmel Corp. Atmel, Corp.
|
74VCX162601 74VCX162601MTD |
Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Series Resistors in the B-Port Outputs 低电8位通用总线收发器,.6V耐压输入和输出和26ヘ系列电阻在B端口输出 Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the B-Port Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in the B-Port Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26ヘ Series Resistors in the B-Port Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in the B-Port Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74ALVCH162601 74ALVCH162601DGG |
18-bit universal bus transceiver with 30Ω termination resistor (3-State)(30Ω终端电阻器的18位通用总线收发器(三态)) 18-bit universal bus transceiver with 30 ohm termination resistor; 3-state
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74LVT16501A 74LVT16501ADGG 74LVT16501ADL VT16501AD |
3.3V LVT 18-bit universal bus transceiver 3-State 3.3V LVT 18-bit universal bus transceiver(3-State)(3.3V LVT 18位通用总线收发器(三态)) 3.3V LVT 18-bit universal bus transceiver(3-State)(3.3V LVT 18浣???ㄦ?绾挎????锛?????)
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
74LCX16500 74LCX16500MEA 74LCX16500MTD 74LCX16500C |
Low Voltage 18-Bit Universal Bus Transceivers with 5VTolerant Inputs and Outputs Low Voltage 18-Bit Universal Bus Transceivers with 5V Tolerant Inputs and Outputs
|
Fairchild Semiconductor
|
LTC2611 LTC2621 LTC2601 LTC2611IDD LTC2621IDD LTC2 |
18-Bit Universal Bus Driver With 3-State Outputs 56-TSSOP -40 to 85 16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
|
Linear Technology Corporation
|
HEF4035B HEF4035BD HEF4035BF HEF4035BN HEF4035BP H |
4-bit universal shift register
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
SN74LS195D SN74LS195N SN54LS195A SN54LS195J 74LS19 |
UNIVERSAL 4-BIT SHIFT REGISTER 通用4位移位寄存器
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
74ALVCH16600 74ALVCH16600DGG 74ALVCH16600-15 |
18-bit universal bus transceiver 3-State 18-bit universal bus transceiver (3-State)
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|