PART |
Description |
Maker |
EL5455IS-T7 EL5455IS-T13 EL5152 EL5152IS-T13 EL515 |
300MHz Amplifiers 1 CHANNEL, VIDEO AMPLIFIER, PDSO10 300MHz Amplifiers 300MHz的放大器 Replaced by PTN04050A : Op Amp, Single, 300MHz, Low Offset Voltage with Enable
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
R3005250L |
Si Reverse, low current, 5 - 300MHz, 25.0dB typ. Gain @ 300MHz, 140mA max. @ 24VDC
|
PDI[PREMIER DEVICES, INC.]
|
MAX147212 MAX1472AKAT |
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
|
Maxim Integrated Products Maxim Integrated Produc...
|
MAX147909 |
300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
|
Maxim Integrated Products
|
LTC5509 LTC5509ESC6 |
300MHz to 3GHz RF Power Detector in SC70 Package 300MHz to 3GHz 300MHz RF Power Detector in SC70 Package
|
Linear Technology
|
IRS26072DSPBF |
The IRS26072D is a high voltage, high speed power MOSFET and IGBT driver with independent high and low side referenced output channels.
|
International Rectifier
|
MC33178 MC33179D MC33179P |
(MC33179) HIGH OUTPUT CURRENT LOW POWER / LOW NOISE OPERATIONAL AMPLIFIERS HIGH OUTPUT CURRENT LOW POWER, LOW NOISE OPERATIONAL AMPLIFIERS
|
Motorola
|
MAX531 MAX531ACPD MAX531ACSD MAX531AEPD MAX531AESD |
5V, Low-Power, Voltage-Output, Serial 12-Bit DACs SERIAL INPUT LOADING, 25 us SETTLING TIME, 12-BIT DAC, PDSO14 5V / Low-Power / Voltage-Output / Serial 12-Bit DACs OFFICE TRANSCEIVER CABLE VER 2 Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:17-99 RoHS Compliant: No 5V Low-Power Voltage-Output Serial 12-Bit DACs 5V, Low-Power, Voltage-Output,
Serial 12-Bit DACs From old datasheet system
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|
HA4-5147/883 HA7-5147/883 HA-5147/883 |
100MHz, Ultra Low Noise, Precision, High Slew Rate Operational Amplifier AC/DC Power Supply; Output Power:40W; No. of Outputs:1; Output 1 VDC :15VDC; Output Current 1:3.3A; Power Supply Mounting:Chassis; External Depth:30.78mm; External Width:64.8mm; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
Intersil Corporation
|
ATS45C ATS45CS3 |
LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR WITH HIGH OUTPUT DRIVE
|
ETC
|
LDO57 |
IP Library: High Output Current, Low power, 400mA Low Dropout Voltage Regulator
|
STMICROELECTRONICS[STMicroelectronics]
|