PART |
Description |
Maker |
SP481R |
High-Fanout Half-Duplex RS-485 Transceiver(高扇出,半双工RS-485/RS-422收发
|
Sipex Corporation
|
ST485ACDR |
Very high speed low power RS-485/RS-422 transceiver 极高速低功RS-485/RS-422收发
|
STMicroelectronics N.V.
|
ST485ACN ST485A ST485ABDR ST485ABN ST485ACDR |
LINE TRANSCEIVER, PDSO8 Very high speed low power RS-485/RS-422 transceiver
|
STMICROELECTRONICS[STMicroelectronics]
|
ST485AB07 ST485ABDR |
LINE TRANSCEIVER, PDSO8 Very high speed low power RS-485/RS-422 transceiver
|
STMicroelectronics
|
ADM2491EBRWZ ADM2491EBRWZ-REEL7 |
High Speed, ESD-Protected, Half-/Full-Duplex, iCoupler Isolated RS-485 Transceiver; No of Pins: 16; Temperature Range: Industrial High Speed, ESD-Protected, Half-/Full-Duplex Coupler Isolated RS-485 Transceiver
|
ANALOG DEVICES INC
|
ISL4486IB-T ISL4486IU ISL81486IB ISL81486IB-T ISL8 |
5V/ Ultra High Speed/ PROFIBUS/ RS-485/RS-422 Transceivers 5V, ultra high speed, PROFIBUS, RS-485/RS-422 transceiver. For SCSI drivers and receivers, PROFIBUS DP ans FMS networks, etc.
|
Intersil
|
ST485E ST485EBD ST485EBDR ST485EBN ST485ECD ST485E |
LOW POWER RS-485/RS422 TRANSCEIVER 15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
|
ST Microelectronics STMicroelectronics
|
ISL3170E07 ISL3174EIBZ ISL3177E ISL3177EIBZ ISL317 |
??5kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 3.3V Full Duplex, 500kbps Slew Rate Limited With Enable, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R 3.3V Full Duplex, 20Mbps With Enable, IEC61000 ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R LINE TRANSCEIVER, PDSO14 5kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO10 5kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8 【15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 卤15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers ±15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
|
Intersil, Corp. Intersil Corporation
|
ST1480A ST1480ABD ST1480ABDR ST1480ABN ST1480ACD S |
3.3V POWERED, 15KV ESD PROTECTED, TRASMIT AT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER 3.3V供电5KV静电保护,TRASMIT高达12Mbps的真RS-485/RS-422收发 3.3V POWERED. 15KV ESD PROTECTED. TRANSMIT ANT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER 3.3V供电15KV静电保护。发送蚂蚁可2Mbps真RS-485/RS-422收发 3.3V POWERED, 15KV ESD PROTECTED, TRANSMIT ANT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER
|
STMicroelectronics N.V.
|
MAX3292CSD MAX3292CPD MAX3291 MAX3291-MAX3292 MAX3 |
RS-485/RS-422 Transceivers with Preemphasis for High-Speed Long-Distance Communication RS-485/RS-422 Transceivers with Preemphasis for High-Speed, Long-Distance Communication LINE TRANSCEIVER, PDSO14 RS-485/RS-422 Transceivers with Preemphasis for High-Speed, Long-Distance Communication LINE TRANSCEIVER, PDIP14
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ST485AB 9142 |
VERY HIGH SPEED LOW POWER RS-485/RS422 TRANSCEIVER From old datasheet system
|
STMicroelectronics
|
|