PART |
Description |
Maker |
RT9263ECX5 RT9263CCX5 RT9263C |
HIGH EFFICIENCY LOW SUPPLY CURRENT STEP UP DC/DC CONVERTER high efficiency, low supply current, step-up DC/DC converter
|
Richtek Technology Corporation N.A.
|
ACE705260BMH ACE705260BNH ACE705125BMH ACE705225BM |
High efficiency, Low supply current, step-up DC/DC Controller
|
ACE Technology Co., LTD.
|
5DL2C41A |
Switching Power Supply Application High Efficiency Diode(用于开关型电源的高效二极管) HIGH EFFICIENCY DIODE (SWITCHING TYPE POWER SUPPLY CONVERTER & CHOPPER APPLICATIONS)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
A8184SLT 8184 |
M24308/2-343F 低压差,3 V稳压器。高 LOW-DROPOUT/ 3 V REGULATOR . HIGH EFFICIENCY LOW-DROPOUT, 3 V REGULATOR . HIGH EFFICIENCY
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
FAN5332ASX FAN5332A |
High Efficiency, High Current Serial LED Driver and OLED Supply with 30V Integrated Switch
|
FAIRCHILD[Fairchild Semiconductor]
|
XAIS3657 |
280W AC/DC High Efficiency Power Supply
|
Wall Industries,Inc.
|
5FL2CZ47A 5DL2CZ47A E001751 5GL2CZ47A |
HIGH EFFICIENCY DIODE (SWITCHING TYPE POWER SUPPLY/ CONVERTER & CHOPPER APPLICATIONS) HIGH EFFICIENCY DIODE (SWITCHING TYPE POWER SUPPLY, CONVERTER & CHOPPER APPLICATIONS) From old datasheet system
|
TOSHIBA[Toshiba Semiconductor]
|
AM21L49-70LC AM21L49-70DC AM2149-70DC AM2149-70PC |
1.5A, 500kHz Step-Down Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1.5A, 500kHz Step-Down Switching Regulators; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Dual 100MHz Current Feedback Amplifiers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Precision Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 150MHz Video Multiplexers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 150MHz, 250V/µs, AV>/=4 Operational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 4.5A, 500kHz Step-Down Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: -40°C to 85°C 14MHz, 7V/µs, Single Supply Dual and Quad Precision Op Amps; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) 14MHz, 7V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: -40°C to 85°C 250kHz Low Supply Current High Efficiency 1.5A Switching Regulator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 17µA Max, Dual and Quad, Single Supply, Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C 17µA Max, Dual and Quad, Single Supply, Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: -40°C to 85°C 1.1A, 35MHz Current Feedback Amplifier (CFA); Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C Dual and Quad 45MHz, 400V/µs Op Amps; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C 28MHz, 12V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C Low Dropout Regulator; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C Precision Rail-to-Rail Input and Output Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 250mA/60MHz Current Feedback Amplifier; Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 射频放大 Precision Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C x4的SRAM x4 SRAM x4的SRAM 150MHz Video Multiplexers; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C x4的SRAM 23MHz, 50V/µs, Single Supply Dual and Quad Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 250kHz Low Supply Current High Efficiency 1.5A Switching Regulator; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C
|
Advanced Micro Devices, Inc. Rochester Electronics, LLC TT electronics Semelab, Ltd. Glenair, Inc.
|
HE104-512-16 HE104 |
PC/104 High Efficiency Vehicle Power Supply PC/104模块高效率汽车供
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
TEA19161T |
Digital controller for high-efficiency resonant power supply
|
NXP Semiconductors
|