PART |
Description |
Maker |
IRF830AL IRF830AS |
500V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 500V Single N-Channel HEXFET Power MOSFET in a TO-262 package Power MOSFET(Vdss=500V, Rds(on)max=1.40ohm, Id=5.0A) Power MOSFET(Vdss=500V/ Rds(on)max=1.40ohm/ Id=5.0A)
|
IRF[International Rectifier]
|
IRF450 JANTXV2N6770 JANTX2N6770 IRF450PBF |
500V Single N-Channel Hi-Rel MOSFET in a TO-204AA package TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.400ohm, Id=12A) HEXFET? TRANSISTOR TRANSISTORS N-CHANNEL(Vdss=500V/ Rds(on)=0.400ohm/ Id=12A) 12 A, 500 V, 0.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-204AA
|
IRF[International Rectifier]
|
IRFP31N50L IRFP31N50LPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package
|
International Rectifier
|
IRF840AS IRF840ASTRL IRF840ASTRR |
500V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier
|
IRFP450LCPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package
|
International Rectifier
|
IRC840 |
Power MOSFET(Vdss=500V/ Rds(on)=0.85ohm/ Id=8.0A) Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A) Hexfet? Power MOSFET Power MOSFET(Vdss=500V Rds(on)=0.85ohm Id=8.0A) 500V Single N-Channel HEXFET Power MOSFET in a TO-220 5-Pin (HEXSense) package
|
IRF[International Rectifier]
|
IRFIB7N50L |
500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
IRF[International Rectifier]
|
IRFP448 448IRF IRFP448PBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=500V/ Rds(on)=0.60ohm/ Id=11A) HEXFET? Power MOSFET Power MOSFET(Vdss=500V, Rds(on)=0.60ohm, Id=11A)
|
IRF[International Rectifier]
|
IRFR430A IRFU430A IRFU430APBF |
500V Single N-Channel HEXFET Power MOSFET in a I-Pak package HEXFET? Power MOSFET SMPS MOSFET
|
IRF[International Rectifier]
|
OM6059SB OM6056 OM6061SB OM6056SB OM6057SB OM6058S |
High Current, High Voltage 500V , 58 Amp N-Channel, MOSFET(大电流,高电压,500V , 58A,N沟道,MOS场效应管) POWER MOSFETS IN A HERMETIC ISOLATED POWER BLOCK PACKAGE 100V Single N-Channel Hi-Rel MOSFET in a PB-3A package 500V Single N-Channel Hi-Rel MOSFET in a PB-3A package 600V Single N-Channel Hi-Rel MOSFET in a PB-3A package 200V Single N-Channel Hi-Rel MOSFET in a PB-3A package
|
List of Unclassifed Manufacturers International Rectifier ETC[ETC]
|
IRFP450 IRFP450PBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=500V, Rds(on)=0.40ohm, Id=14A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)\u003d 0.40ohm,身份证\u003d 14A条)
|
International Rectifier, Corp.
|
IRFP460N IRFP460NPBF |
Power MOSFET(Vdss=500V, Rds(on)max=0.24ohm, Id=20A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)最大值\u003d 0.24ohm,身份证\u003d 20A条) 500V Single N-Channel HEXFET Power MOSFET in a TO-247AC package
|
International Rectifier, Corp.
|