PART |
Description |
Maker |
IDT70V9079L15PF IDT70V9079L15PFI IDT70V9089L15PF I |
32K x 8 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM 32K X 8 DUAL-PORT SRAM, 20 ns, PQFP100 HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM 64K X 8 DUAL-PORT SRAM, 20 ns, PQFP100 Small Signal Diode; Package: DO-35; No of Pins: 2; Container: Bulk 64K x 8 Sync, 3.3V Dual-Port RAM, PipeLined/Flow-Through
|
SRAM Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
IDT7037 IDT7037L IDT7037L20PFI IDT7037L15PF IDT703 |
32K x 18 Dual-Port RAM HIGH-SPEED 32K x 18 DUAL-PORT STATIC RAM Low-Noise JFET-Input Operational Amplifier 8-SOIC 0 to 70
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
709179L12PF IDT709179L 709179L12PFI 709179L7PF 709 |
32K x 9 Sync, Dual-Port SRAM, PipeLined/Flow-Through HIGH-SPEED 32K X 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM 32K X 9 DUAL-PORT SRAM, 9 ns, PQFP100
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
IDT7027 IDT7027L IDT7027L20G IDT7027L20GB IDT7027L |
32K x 16 Dual-Port RAM 60V N-Channel PowerTrench MOSFET 32K X 16 DUAL-PORT SRAM, 25 ns, CPGA108 HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM 32K X 16 DUAL-PORT SRAM, 25 ns, CPGA108 HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM 高2K的16 DUAL-PORT静态RAM HIGH-SPEED 32K x 16 DUAL-PORT STATIC RAM 32K X 16 DUAL-PORT SRAM, 20 ns, CPGA108 Dual P-Channel 2.5V Specified PowerTrench MOSFET 高2K的16 DUAL-PORT静态RAM
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
IDT7007L IDT7007L15G IDT7007L15GI IDT7007L15J IDT7 |
High-speed 32K x 8 dual-port static RAM, 55ns, low power 32K x 8 Dual-Port RAM From old datasheet system High-speed 32K x 8 dual-port static RAM, 15ns, low power
|
IDT[Integrated Device Technology]
|
IDT709279S12PF IDT709279S12PFI IDT709279L12PF IDT7 |
32K x 16 Sync, Dual-Port RAM, PipeLined/Flow-Through 16K x 16 Sync, Dual-Port RAM, PipeLined/Flow-Through HIGH-SPEED 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 20 ns, CPGA108 HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 32K X 16 DUAL-PORT SRAM, 20 ns, CPGA108 HIGH-SPEED 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 30 ns, PQFP100 HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 18 ns, CPGA108 HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 16K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
CYD18S36V-100BBC CYD18S36V-100BBI CYD18S36V CYD18S |
FLEx36垄芒 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM FLEx36 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM FLEx36?/a> 3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM FLEx36?3.3V 32K/64K/128K/256K/512 x 36 Synchronous Dual-Port RAM
|
Cypress Semiconductor http://
|
IDT70V07L IDT70V07L25G IDT70V07L25J IDT70V07L25PF |
HIGH-SPEED 3.3V 32K x 8 DUAL-PORT STATIC RAM
|
IDT[Integrated Device Technology]
|
CY7C007 7C017 |
32K x 8/9 Dual-Port Static RAM From old datasheet system
|
Cypress
|
IDT7007L20J IDT7007L20JB IDT7007S55PFB IDT7007S55P |
HIGH-SPEED 32K x 8 DUAL-PORT STATIC RAM
|
IDT[Integrated Device Technology]
|