PART |
Description |
Maker |
DM74S140 74S140 |
Dual 4-Input NAND 50з Line Driver From old datasheet system Dual 4-Input NAND 50Ω Line Driver Dual 4-Input NAND 50 Line Driver Dual 4-Input NAND 50-Ohm Line Driver
|
FAIRCHILD[Fairchild Semiconductor]
|
74ABT2240CMSA 74ABT2240CMTC 74ABT2240CSC 74ABT2240 |
Dual 4-Bit Inverting Buffer/Driver ABT SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDSO20 Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers From old datasheet system Octal Buffer/Line Driver with 25 Series Resistors in the Outputs Octal Buffer/Line Driver with 25з Series Resistors in the Outputs Octal Buffer/Line Driver with 25-Ohm Series Resistors in the Outputs Octal Buffer/Line Driver with 25 Ohm Series Resistors in the Outputs
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
EL7232CN EL7232CSZ-T7 EL7232CS-T7 EL7232CSZ EL7232 |
Dual Channel, High Speed, High Current Line Driver w/3-State DUAL LINE DRIVER, PDSO8
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
EDI8F81024LP100BSC EDI8F81024C85BSC |
Dual Channel, High Speed, High Current Line Driver with 3-State; Temperature Range: -40°C to 85°C; Package: 8-SOIC Dual Channel, High Speed, High Current Line Driver with 3-State; Temperature Range: -40°C to 85°C; Package: 8-PDIP x8的SRAM模块
|
KEMET Corporation
|
EL1517ILZ-T7 |
xDSL Differential Line Driver DUAL LINE DRIVER, QCC16
|
Intersil, Corp.
|
UPD4722GS-GJG UPD4722 UPD4722GS-GJG-E2 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C RS-232 LINE DRIVER/RECEIVER AT 3.3 V/5 V 3.3V applicability RS-232 line driver/receiver
|
NEC Corp. NEC[NEC]
|
LT1280A LT1280AC LT1280ACN LT1280ACSW LT1280AI LT1 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C 8-Bit Identity Comparators (P=Q) w/ Enable, Open Collector Outputs, 20K Ohm Q-Input Pullup Resistor 20-SOIC 0 to 70 DUAL LINE TRANSCEIVER, PDSO18 8-Bit Identity Comparators (P=Q) w/ Enable, Open Collector Outputs, 20K Ohm Q-Input Pullup Resistor 20-SO 0 to 70 低功V的RS232双驱动器/接收器与0.1uF电容 8-Bit Identity Comparators (P=Q) w/ Enable, Open Collector Outputs, 20K Ohm Q-Input Pullup Resistor 20-PDIP 0 to 70 DUAL LINE TRANSCEIVER, PDIP16 8-Bit Identity Comparators (P=Q) w/ Enable, Open Collector Outputs, 20K Ohm Q-Input Pullup Resistor 20-SO 0 to 70 DUAL LINE TRANSCEIVER, PDIP16 Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
PIC16LFR711-20I/SS PIC16FR71-16I/SO PIC16LFR71-16I |
Micropower, Dual and Quad, Single Supply, Precision Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: -40°C to 85°C Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Low Noise, High Speed Precision Operational Amplifiers; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower DC/DC Converter Adjustable and Fixed 5V, 12V; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Precision 5 Volt Reference; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower Low Dropout Regulators with Shutdown; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 85°C 5-LED Main/Sub Display Driver with Dual LDO; Package: QFN; No of Pins: 20; Temperature Range: -40°C to 125°C Fast Settling, JFET Input Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: SO; No of Pins: 20; Temperature Range: 0°C to 70°C 微控制器 Microcontroller 微控制器 Precision 5 Volt Reference; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 微控制器 Quad Protected High-Side MOSFET Driver; Package: PDIP; No of Pins: 20; Temperature Range: 0°C to 70°C 微控制器 1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 微控制器 Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors (Includes LT1130 thru LT1141); Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C 微控制器 Precision 5 Volt Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 微控制器
|
外设及接 TDK, Corp. NIC Components, Corp. TE Connectivity, Ltd. Silicon Storage Technology, Inc.
|
74AUP2G240GS |
Low-power dual inverting buffer-line driver; 3-state AUP/ULP/V SERIES, DUAL 1-BIT DRIVER, INVERTED OUTPUT, PDSO8
|
NXP Semiconductors N.V.
|
AT28HC64B-12TI AT28HC64B-12TC AT28HC64B-55SC AT28H |
High Speed CMOS Logic 4-to-16 Line Decoder/Demultiplexer with Input Latches 24-SOIC -55 to 125 High Speed CMOS Logic Dual Binary Up-Counters 16-PDIP -55 to 125 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-SOIC -55 to 125 High Speed CMOS Logic Dual BCD Up-Counter 16-PDIP -55 to 125 64KK的8高速CMOS E2PROM的同页写入和软件数据保护 High Speed CMOS Logic Dual Binary Up-Counters 16-SOIC -55 to 125 8K X 8 EEPROM 5V, 70 ns, PDSO28 High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrators 16-PDIP -55 to 125 8K X 8 EEPROM 5V, 90 ns, PQCC32 64K 8K x 8 Battery-Voltage CMOS E2PROM
|
Atmel Corp. Atmel, Corp.
|