PART |
Description |
Maker |
APM9988COC-TUL APM9988COC-TRL |
Dual N-Channel Enhancement Mode MOSFET 双N沟道增强型MOS Dual N-Channel Enhancement Mode MOSFET 6 A, 20 V, 0.02 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET, MO-153AA
|
Anpec Electronics, Corp.
|
FDS8926A |
Dual N-Channel Enhancement Mode Field Effect Transistor 5.5 A, 30 V, 0.03 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
NTP27N06 NTB27N06 NTB27N06T4 |
Power MOSFET 27 Amps, 60 Volts N-Channel TO-220 and D2PAK Power MOSFET 27 Amps, 60 Volts N?Channel TO?220 and D2PAK Power MOSFET 27 Amps / 60 Volts NChannel TO220 and D2PAK LASER MOD 670NM .95MW MVP ROUND LASER MOD 635NM 4.9MW VHK ROUND 27 A, 60 V, 0.046 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ONSEMI[ON Semiconductor]
|
NTMSD3P303R2 |
FETKY™ P-Channel Enhancement-Mode Power MOSFET and Schottky Diode Dual SO-8 Package P−Channel Enhancement−Mode Power MOSFET and Schottky Diode Dual SO−8 Package P-Channel Enhancement-Mode Power MOSFET and Schottky Diode Dual SO-8 Package(双P通道,增强模式,SO-8封装的功率MOSFET与肖特基二极
|
ON Semiconductor
|
3N191 X3N190-91 3N190 3N190-91 X3N191 |
50 mA, 40 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 30V N-Channel PowerTrench MOSFET Dual P-Channel Enhancement Mode MOSFET General Purpose Amplifier
|
Calogic LLC Calogic LLC CALOGIC[Calogic, LLC]
|
CMRDM3590 |
SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET 160 mA, 20 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET ROHS COMPLIANT PACKAGE-6
|
Central Semiconductor Corp Central Semiconductor, Corp.
|
ZXMD63P03X ZXMD63P03XTA ZXMD63P03XTC |
DUAL 30V P-CHANNEL ENHANCEMENT MODE MOSFET 2000 mA, 30 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-187AA
|
Zetex Semiconductor PLC ZETEX[Zetex Semiconductors]
|
SSM9930M |
DUAL N-AND DUAL P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS DUAL N- AND DUAL P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
|
List of Unclassifed Manufacturers ETC[ETC] Silicon Standard Corp.
|
NTTD1P02R2 NTTD1P02 |
Power MOSFET -1.45 Amps, -20 Volts P-Channel Enhancement Mode Dual Micro8 Package(-1.45 A, -20 V,双P通道,增强模式,Micro8封装的功率MOSFET) 1450 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
ON Semiconductor
|
NTE2976 |
Dual Channel, 1/1, 25Mbps Digital Isolator 8-SOIC -40 to 125 MOSFET N-Channel, Enhancement Mode High Speed Switch
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
NTE2958 NTE2957 |
Dual Channel, 2/0, 25Mbps Digital Isolator 8-SOIC -40 to 125 MOSFET N-Channel, Enhancement Mode High Speed Switch
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
|