PART |
Description |
Maker |
M34E02 M34E02-FDW1TP M34E02-FMB1TG |
2 Kbit Serial IC Bus EEPROM Serial Presence Detect for DDR2 DIMMs
|
ST Microelectronics
|
FM25C160 FM25C160U FM25C160UE FM25C160UV FM25C160U |
SERIAL EEPROM|2KX8|CMOS|DIP|8PIN|PLASTIC 2K X 8 SPI BUS SERIAL EEPROM, PDIP8 16K-Bit SPI?/a> Interface Serial CMOS EEPROM From old datasheet system 16K-Bit SPI Interface Serial CMOS EEPROM 16K-Bit SPI⑩ Interface Serial CMOS EEPROM
|
Fairchild Semiconductor, Corp. http:// FAIRCHILD[Fairchild Semiconductor]
|
ISL96017UIRT8Z |
128-Tap DCP, 16kbit EEPROM, and I2C Serial Interface 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 128 POSITIONS, PDSO8
|
Intersil, Corp.
|
MAX535 MAX5351ACPA MAX5351ACUA MAX5351AEPA MAX5351 |
Low-Power 13-Bit Voltage-Output DACs with Serial Interface Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:23-35 RoHS Compliant: No Low-Power / 13-Bit Voltage-Output DACs with Serial Interface Low-Power, 13-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 16 us SETTLING TIME, 13-BIT DAC, PDSO8 Low-Power, 13-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 16 us SETTLING TIME, 13-BIT DAC, PDIP8
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
FM24C08U_09U FM24C16U_17U FM24C02U FM24C04U_05U FM |
I2C Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 I2C Serial EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 CONN HEADER .05 90POS DUAL T/H M1 - M1 CABLE 6 FEET 2K-Bit Standard 2-Wire Bus Interface Serial EEPROM From old datasheet system 2K--Bit Standard 2-Wire Bus Interface Serial EEPROM
|
http:// Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
PS2802-1 PS2802-1-F3 PS2802-1-F4 PS2802-4 PS2802-4 |
A/D Converter (A-D) IC; Resolution (Bits):24; ADC Sample Rate:192kSPS; Input Channels Per ADC:2; Input Channel Type:Single Ended Inputs; Data Interface:Serial; Package/Case:24-TSSOP; Interface Type:Serial A/D Converter (A-D) IC; Resolution (Bits):24; Sample Rate:192kSPS; Input Channels Per ADC:2; Input Channel Type:Single Ended; Data Interface:Serial; Package/Case:24-SOIC; IC Generic Number:5351; Interface Type:Serial RoHS Compliant: Yes HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
|
NEC Corp. NEC[NEC]
|
ISL23711 ISL23711WIU10Z ISL23711UIU10Z ISL23711UIU |
Terminal Voltage - 3V or - 5V, 128 Taps IC Serial Interface Terminal Voltage -3V or -5V, 128 Taps IC Serial Interface 终端电压3VV供电28丝锥集成电路串行接口 Volatile Digitally Controlled Potentiometer (XDCP™); Terminal Voltage ±3V or ±5V, 128 Taps I2C Serial Interface; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R
|
Intersil Corporation Intersil, Corp.
|
25AA080-I_P 25AA08004 25AA080-I_SN 25LC080-I_SN 25 |
The 25LC080 is a 8K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... The 25C080 is a 8K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... The 25AA080 is a 8K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... 8K SPI TM Bus Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
NEPORT1 NECHIP |
Serial to ethernet,ethernet to serial module,Serial to IP,RS232 interface/USER MANUAL
|
List of Unclassifed Manufacturers ETC
|
MC145170DT2 MC145170-2 |
MC145170-2 Technical Data Sheet: PLL Frequency Synthesizer with Serial Interface From old datasheet system FREQUENCY SYNTHESIZER,TSSOP,16PIN,PLASTIC CMOS PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
|
Motorola Semiconductor Products Inc
|