PART |
Description |
Maker |
HN27C256G HN27C256G-17 HN27C256G-25 HN27C256G-20 |
256K (32K x 8-bit) UV EPROM, 200ns 256K (32K x 8-bit) UV EPROM, 250ns 32768-WORD x 8-BIT CMOS UV ERASABLE AND PROGRAMMABLE ROM 256K (32K x 8-bit) UV EPROM, 170ns
|
Hitachi Semiconductor
|
LH52256C-10LL LH525CL9 |
256K SRAM CMOS 256K (32K x8) Static RAM(CMOS 256K (32K x8) 静态RAM) 的CMOS 256K2K的8)静态RAM(的CMOS 256K2K的8)静态的RAM
|
Sharp Electrionic Compo... Sharp Electrionic Components Sharp, Corp.
|
AT28LV256 DOC231 AT28LV256-25TI AT28LV256-20 AT28L |
256K 32K x 8 Low Voltage CMOS E2PROM From old datasheet system 256K (32K x 8) Low Voltage
|
ATMEL[ATMEL Corporation]
|
AM29LV002 AM29LV002B-90RECB AM29LV002B-120FCB AM29 |
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only/ Boot Sector Flash Memory Half Bridge Driver, LO Out of Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-pin DIP package 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 2兆位56亩8位).0伏的CMOS只,引导扇区闪存 Connector 连接 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 100 ns, PDSO40 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 120 ns, PDSO40 MB 18C 18#20 PIN RECP 256K X 8 FLASH 3V PROM, 120 ns, PDSO40 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 2兆位256亩8位).0伏的CMOS只,引导扇区闪存 256K X 8 FLASH 3V PROM, 90 ns, PDSO40
|
AMD Advanced Micro Devices, Inc. SPANSION LLC ADVANCED MICRO DEVICES INC
|
CY7C199CN-20ZXIT CY7C199CNL-15VC CY7C199CN-20ZI CY |
256K (32K x 8) Static RAM; Density: 256 Kb; Organization: 32Kb x 8; Vcc (V): 4.5 to 5.5 V; 32K X 8 STANDARD SRAM, 20 ns, PDSO28 256K (32K x 8) Static RAM 32K X 8 STANDARD SRAM, 15 ns, PDSO28 256K (32K x 8) Static RAM 32K X 8 STANDARD SRAM, 20 ns, PDSO28 256K (32K x 8) Static RAM 32K X 8 STANDARD SRAM, 25 ns, PDIP28
|
Cypress Semiconductor, Corp.
|
IDT71V256S IDT71V256SA15TP IDT71V256SA15PZI IDT71V |
LOW POWER 3.3V CMOS FAST SRAM 256K (32K x 8-BIT) 32K X 8 CACHE SRAM, 12 ns, PDSO28
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
IDT71256SA15PZ IDT71256SA IDT71256SA20PZ IDT71256S |
CMOS STATIC RAM 256K (32K x 8-BIT) Asynchronous Communications Element With Autoflow Control 48-LQFP -40 to 85 CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 12 ns, PDSO28 Asynchronous Communications Element With Autoflow Control 48-TQFP 0 to 70 32K X 8 STANDARD SRAM, 25 ns, PDSO28
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
29C256 AT29C256-15 AT29C256-70TC AT29C256-90PC AT2 |
256K 32K x 8 5-volt Only CMOS Flash Memory High Speed CMOS Logic 8-Bit Shift Register with Input Storage 16-SO -55 to 125 High Speed CMOS Logic 4-by-4 Register File 16-PDIP -55 to 125 High Speed CMOS Logic 4-by-4 Register File 16-SOIC -55 to 125
|
Atmel Corp.
|
27C256 |
256K CMOS UV Erasable PROM (32K X 8)
|
General Semiconductor Inc
|
87C256-20FA |
256K (32K x 8) CMOS UV Erasable PROM
|
Signetics
|
IDT71256L |
CMOS Static RAM 256K (32K x 8-Bit)
|
List of Unclassifed Manufacturers
|
IDT71256SA12PZ IDT71256SA12T IDT71256SA12TP IDT712 |
CMOS STATIC RAM 256K (32K x 8-BIT)
|
Integrated Device Technology IDT
|