PART |
Description |
Maker |
NJL5175K NJL5175K-F1 NJL5175K-F10 NJL5175K-F2 NJL5 |
POSITION, LINEAR SENSOR-DIFFUSE, 0.7-0.7mm, 0.07-0.03mA, RECTANGULAR, THROUGH HOLE MOUNT Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 15 psi, Vacuum Gage, Cell with body o-ring, 10 Vdc excitation 实景反射 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 15 psi, Vacuum Gage, Cell with body o-ring, 1.5 mA excitation From old datasheet system PHOTO REFLECTOR
|
New Japan Radio Co., Ltd.
|
SC4041ASK SC4041DS SC4041CZ SC4041EZ SC4041 SC4041 |
PRECISION SHUNT VOLTAGE REFERENCE Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 300 psi, Gage, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 300 psi, Gage, 1/4-18 NPT, 10 Vdc excitation 精密并联型电压基
|
SEMTECH[Semtech Corporation] Semtech, Corp.
|
SC7313 SC7313S |
10.2V digital controlled stereo audio processor with loudness. For quality audio applications in car radio and HI-Fi systems Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, flush mount, 10 Vdc excitation
|
Silan Semiconductors SILAN[Silan Microelectronics Joint-stock] ETC 杭州士景电子有限公司
|
AD1877JR AD1877 |
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 15 psi, Absolute, Cell with body o-ring, 10 Vdc excitation 2-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO28 Single-Supply 16-Bit Stereo ADC
|
Analog Devices, Inc. AD[Analog Devices]
|
142PC05D97 |
PRESSURE TRANSDUCER
|
Honeywell Solid State E...
|
PDTK-P-M |
QUARTZ PRESSURE AND TEMPERATURE TRANSDUCER
|
Advanced XTAL Products
|
ST1510 ST1510-500T-000 ST1510-500A-000 ST1510-500G |
0-5 Vdc FLUSH DIAPHRAGM PRESSURE TRANSDUCER
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] N.A.
|
EB100 |
High Accuracy Miniature Pressure Transducer
|
TE Connectivity Ltd
|
ST1510 |
0-5 Vdc FLUSH DIAPHRAGM PRESSURE TRANSDUCER
|
STI
|
20710000PSIG |
Pressure Sensor, Transducer, 0 to 10000psi Range, Gage Type
|
Setra System
|
AD1376JD AD1376KD AD1377 AD1377JD AD1377KD AD1316 |
Complete High Speed 16-Bit A/D Converter Complete, High Speed 16-Bit A/D Converter 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP32 Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 10 psi, Gage, 1/8-27 NPT, 10 Vdc excitation 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP32
|
http:// AD[Analog Devices] Analog Devices, Inc.
|
|