PART |
Description |
Maker |
AD5313 AD5323 AD5303 AD5303BRU AD5313BRU AD5323BRU |
2.5 V to 5.5 V, 230 uA, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO16 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 12-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 8-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 10-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V 230 uA Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs 2.5V to 5.5V, Dual Rail-to-Rail, Voltage Output 810/12-Bit DACs
|
AD[Analog Devices]
|
PL-2206 |
Low Power Transformers Dual Primary - Dual secondary 115/230 Volts
|
Vishay Siliconix
|
AD8622ARZ AD8624ARUZ |
Dual, Low Power, Low Noise, Low Bias Current, Precision Rail-to-Rail Output Op Amp; Package: 8-pin; Temperature Range: -40°C to 125°C DUAL OP-AMP, 230 uV OFFSET-MAX, 0.58 MHz BAND WIDTH, PDSO8 QUAD OP-AMP, 230 uV OFFSET-MAX, 0.6 MHz BAND WIDTH, PDSO14
|
Analog Devices, Inc. ANALOG DEVICES INC
|
PL-2201AB PL-44 PL-22 PL-23 PL-24 PL-42 PL-43 |
Low Power AC Transformer Low Power Transformers Dual Primary - Dual secondary 115/230 Volts
|
VISAY[Vishay Siliconix]
|
0194280004 |
5.84mm (.230) Pitch MX150L Vertical PCB Header, Dual Row, Standard Profile, 6Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
0194280009 SD-19428-001 |
5.84mm (.230) Pitch MX150L 5.84mm (.230") Pitch MX150L??/a> MOLEX Connector
|
Molex Electronics Ltd.
|
XC3190-4PQ160I XC3190-4PQ208I XC3142-3TQ144C XC314 |
FPGA, 320 CLBS, 5000 GATES, 230 MHz, PQFP160 FPGA, 320 CLBS, 5000 GATES, 230 MHz, PQFP208 FPGA, 144 CLBS, 3000 GATES, 270 MHz, PQFP144 FPGA, 144 CLBS, 3000 GATES, 230 MHz, PQFP100
|
XILINX INC
|
AD5322BRMZ-REEL AD5322BRMZ-REEL7 AD5322ARMZ-REEL7 |
2.5 V to 5.5 V, 230 µA, Dual Rail-to-Rail Voltage Output 12-Bit DAC; Package: MSOP; No of Pins: 10; Temperature Range: Commercial SERIAL INPUT LOADING, 8 us SETTLING TIME, 12-BIT DAC, PDSO10
|
Analog Devices, Inc.
|
CTA230-0001-03/-04 CTA230-0001-01/-02 |
Climatherm 230 Series
|
II-VI Marlow, Inc.
|
SF1102A-1 |
230 MHz SAW Filter 230兆赫SAW滤波
|
RF Monolithics, Inc.
|
2SC6011A |
15 A, 230 V, NPN, Si, POWER TRANSISTOR
|
SANKEN ELECTRIC CO LTD
|
DBL2018-C DBL2018C |
(230.82 k) 30.82十一 2 MOTOR DRIVER FOR A VTR
|
ETC List of Unclassifed Manufacturers
|
|