PART |
Description |
Maker |
TDA2030 1458 |
14W Hi-Fi Audio Amplifier(14W Hi-Fi 音频放大 From old datasheet system
|
意法半导 STMicro
|
AN7173K AN7171NK-LC AN7173K-LC |
Dual BTL 14W Audio Power Amplifier V(cc): 24V; 6A; 62.5W; dual BTL 14W audio power amplifier
|
Matsushita Electric Works(Nais) Panasonic
|
TDA2030H |
14w Audio Hi-Fi Amplifier
|
SGS Thomson Microelectronics
|
TDA2030 |
14W HI-FI AUDIO AMPLIFIER
|
ST Microelectronics
|
TDA2030 TDA2030AV |
14W Hi-Fi AUDIO AMPLIFIER
|
http:// Tiger Electronic Co.,Lt...
|
MB3730A |
14W BTL AUDIO POWER AMPLIFIER
|
Fujitsu Microelectronics Fujitsu Media Devices Limited Fujitsu Component Limited.
|
AN7172NK |
BTL 14W Audio Power Amplifier Circuit
|
Panasonic
|
BUS-855926L BUS-855947 BUS-855935L BUS-855935Q BUS |
DATACOM, MIL-STD-1553 DATA BUS TRANSCEIVER, DIP24 100mW stereo headphone amplifier with standby mode 通信集成电路 MPEG 2.5 layer III (MP3) audio decoder 通信集成电路 300mW at 3.3V supply audio power amplifier with standy mode active low 通信集成电路 80V-80W DMOS audio amplifier with mute/st-by 通信集成电路 12W audio amplifier 通信集成电路 25W 25W stereo class-D amplifier 50W mono in BTL 通信集成电路 STEREO AUDIO AMPLIFIER 通信集成电路 Output rail to rail 1W audio power amplifier with standby mode 通信集成电路 8-bit OTP/EPROM/FASTROM MCUs with A/D converter, safe reset, auto-reload timer and EEPROM 通信集成电路 1.2W differential input/output audio power amplifier with selectable standby 通信集成电路 6 6W stereo amplifier 2 X 2W stereo audio amplifier 2W mono amplifier 3.3V range 8-bit MCU for automotive with 16/32 Kbyte Flash or 16 Kbyte ROM, 10-bit ADC, 4 timers, SPI and SCI interfaces 8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset 70V-60W DMOS audio amplifier with mute/standby Pop-free 100mW stereo headphone amplifier 16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM ST10F272B-E Final Data Digital signal processing IC for speech and audio applications 12 12W stereo amplifier with muting Tone control and surround digitally controlled audio processor Telecommunication IC 8-bit MCU for automotive with electric-motor control, ADC, 16-bit timers, SPI interface 10W car radio audio amplifier 5W 5W AMPLIFIER WITH DC VOLUME CONTROL TWO BANDS DIGITALLY CONTROLLED AUDIO PROCESSOR WITH BASS ALC SURROUND 5W audio amplifier with muting 16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM Sound Terminal" 2-channel microless high-efficiency digital audio system 8-bit MCU for automotive, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI Rail-to-rail output 1W audio power amplifier with standby mode active low 8-bit MCU for automotive with 32 to 60 Kbyte Flash/ROM, ADC, 5 timers, SPI, SCI, I2C interface 5-V, 2-A, 2.1-channel high-efficiency digital audio system with QSound QHD® 32-bit Power Architecture" based MCU for automotive powertrain applications 14W 14W stereo amplifier with mute & stby 6 2-Ch. multistandard audio decoder
|
DATA DEVICE CORP TE Connectivity, Ltd. Motorola Mobility Holdings, Inc. Bourns, Inc. Advanced Linear Devices, Inc. XP Power, Ltd. Microchip Technology, Inc. Future Technology Devices International, Ltd.
|
APA0715XI-TRG APA0715XAI-TRG APA0715QBI-TRG APA071 |
3W Mono Fully Differential Audio Power Amplifier 3 W, 1 CHANNEL, AUDIO AMPLIFIER, DSO8 3 X 3 MM, ROHS COMPLIANT, TDFN-8
|
Anpec Electronics Coropration Anpec Electronics, Corp. ANPEC ELECTRONICS CORP
|
SSM2311CBZ-REEL SSM2311CBZ-R2 SSM2311CBZ-REEL7 SSM |
Filterless High Efficiency Mono 3 W Class-D Audio Amplifier; No of Pins: 9; Temperature Range: Industrial 3 W, 1 CHANNEL, AUDIO AMPLIFIER, PBGA9
|
ANALOG DEVICES INC http://
|