PART |
Description |
Maker |
TDA7269ASA |
14W 14W STEREO AMPLIFIER WITH MUTE &ST-BY
|
ST Microelectronics
|
AN7174K AN7174 |
Dual BTL 14W Audio Power Amplifier Circuit
|
PANASONIC[Panasonic Semiconductor]
|
BA3506AF-DXT1 BA3420AL-DX BA3410AF-DXE1 BA5412-DX |
0.069 W, 2 CHANNEL, AUDIO AMPLIFIER, PDSO18 2 CHANNEL, AUDIO PREAMPLIFIER, PZIP18 1 CHANNEL, AUDIO PREAMPLIFIER, PDSO16 2 CHANNEL, AUDIO AMPLIFIER, PSIP12 PLL FREQUENCY SYNTHESIZER, 130 MHz, PDSO20 1 CHANNEL, AUDIO PREAMPLIFIER, PSIP7 5 W, 2 CHANNEL, AUDIO AMPLIFIER, PSIP12
|
|
MAX9711 MAX9710 MAX9710-MAX9711 MAX9711ETC MAX9710 |
3W Mono/Stereo BTL Audio Power Amplifiers with Shutdown 3 W, 2 CHANNEL, AUDIO AMPLIFIER, QCC20 Synchronous 8-Bit Up/Down Counters 24-CDIP -55 to 125 3 W, 2 CHANNEL, AUDIO AMPLIFIER, QCC20 Mono 3W Audio BTL Amplifier Stereo 3W Audio BTL Amplifier From old datasheet system
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
MAX9718GEBLTG45 MAX9719AEBET |
1.4 W, 1 CHANNEL, AUDIO AMPLIFIER, PBGA9 ROHS COMPLIANT, UCSP-9 Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers 1.4 W, 2 CHANNEL, AUDIO AMPLIFIER, PBGA16
|
Maxim Integrated Products, Inc.
|
TDA7250 |
6W AUDIO AMPLIFIER WITH STAND-BY 6W Hi-Fi Audio Amplifier(6W Hi-Fi双音频放大器) 60 W HI-FI DUAL AUDIO DRIVER
|
ST Microelectronics 意法半导 STMicro
|
2SC2458 2SC2458L |
Transistor Silicon NPN Epitaxial Type (PCT process) Audio Amplifier Applications Low Noise Audio Amplifier Applications TRANSISTOR (AUDIO AMPLIFIER APPLICATIONS)
|
TOSHIBA[Toshiba Semiconductor]
|
TDA8932BT TDA8932B TDA8932BTW TDA8932BTW/N2518 TDA |
Class-D audio amplifier Class-D audio amplifier; Package: SOT549-1 (HTSSOP32); Container: Reel Dry Pack, SMD, 13" Class-D audio amplifier
|
NXP Semiconductors
|
AT49BV040- AT49LV040 AT49BV040 AT49BV-LV040 AT49BV |
LM4910 Output Capacitor-less Stereo 35mW Headphone Amplifier; Package: LLP; No of Pins: 8 LM4663 Boomer ® Audio Power Amplifier Series 2 Watt Stereo Class D Audio Power Amplifier with Stereo Headphone Amplifier; Package: TSSOP; No of Pins: 24 512K X 8 FLASH 2.7V PROM, 90 ns, PDSO32 LM4549A AC '97 Rev 2.1 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound; Package: LQFP; No of Pins: 48 LM4664 Boomer ® Audio Power Amplifier Series Filterless High Efficiency 1.1W Switching Audio Amplifier; Package: MICRO SMD; No of Pins: 9 4-megabit (512K x 8) Single 2.7-volt Battery-Voltage Flash Memory
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
SSM2311CBZ-REEL SSM2311CBZ-R2 SSM2311CBZ-REEL7 SSM |
Filterless High Efficiency Mono 3 W Class-D Audio Amplifier; No of Pins: 9; Temperature Range: Industrial 3 W, 1 CHANNEL, AUDIO AMPLIFIER, PBGA9
|
ANALOG DEVICES INC http://
|