PART |
Description |
Maker |
DSN-2000A-219 |
50Ω 1200 to 2200 MHz 50楼? 1200 to 2200 MHz
|
Mini-Circuits
|
2205-H-RC 2202-V-RC 2218-H-RC 2215-V-RC 2208-H-RC |
Toroidal Inductor; Series:2200; Inductance:22uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:10.3A; DC Resistance Max:0.010ohm; Leaded Process Compatible:Yes 1 ELEMENT, 22 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:12uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:12A; DC Resistance Max:0.008ohm; Leaded Process Compatible:Yes 1 ELEMENT, 12 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:330uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:3.3A; DC Resistance Max:0.10ohm; Leaded Process Compatible:Yes 1 ELEMENT, 330 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:180uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:3.8A; DC Resistance Max:0.075ohm; Leaded Process Compatible:Yes 1 ELEMENT, 180 uH, GENERAL PURPOSE INDUCTOR Toroidal Inductor; Series:2200; Inductance:39uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:7.1A; DC Resistance Max:0.022ohm; Leaded Process Compatible:Yes 1 ELEMENT, 39 uH, GENERAL PURPOSE INDUCTOR High Current Toroid Inductors Horizontal or vertical mount Low cost Toroidal Inductor; Series:2200; Inductance:68uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:4.9A; DC Resistance Max:0.046ohm; Leaded Process Compatible:Yes Toroidal Inductor; Series:2200; Inductance:560uH; Inductance Tolerance: /- 15 %; Terminal Type:Radial Leaded; Current Rating:2.2A; DC Resistance Max:0.21ohm; Leaded Process Compatible:Yes
|
Bourns, Inc. Bourns Electronic Solutions BOURNS INC Rohm Bourns Electronic Solut...
|
PE42742 |
75 Ω Terminated, 5 - 2200 MHz SPDT
|
Peregrine Semiconductor Cor...
|
PTL-16-430 PTL-10-432 PTL-44-430 PTL-46-430 ECL-11 |
TLS 2200 Voice & Data Comm Materials
|
List of Unclassifed Manufacturers
|
MAAV-007091-000100 MAAV-007091-0001TB MAAV-007091- |
Voltage Variable Attenuator 1700 - 2200 MHz
|
Tyco Electronics
|
2224-12L |
12 W, 22 V, 2200-2400 MHz common base transistor BJT
|
GHz Technology
|
CH1102200UH/-10B |
1 ELEMENT, 2200 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR
|
VISHAY AZTRONIC
|
SM2225-37RY3 |
2200-2500 MHz 5 Watt Linear Power Amplifier
|
Stealth Microwave, Inc.
|
ML416PJB225MLZ |
1 ELEMENT, 2200 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
COILCRAFT INC
|
C927U222MYWDBA7317 |
Ceramic, Safety, C900_Y, 2200 pF, 20%, Y5U, Lead Spacing = 7.5mm
|
Kemet Corporation
|
PTMA210152M |
Wideband RF LDMOS Integrated Power Amplifier 15 W, 28 V, 1800 ?2200 MHz
|
Cree, Inc
|