PART |
Description |
Maker |
STGP3NB60S STGD3NB60S |
(STGP3NB60S / STGD3NB60S) N-CHANNEL 3A - 600V - TO-220 / DPAK PowerMESH IGBT N-CHANNEL 3A - 600V - TO-220 / DPAK PowerMESH?/a> IGBT N-CHANNEL 3A - 600V - TO-220 / DPAK PowerMESH⑩ IGBT N-CHANNEL 3A - 600V TO-220/DPAK POWERMESH IGBT
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STB3NK60Z STB3NK60ZT4 STP3NK60ZFP STP3NK60Z STD3NK |
N-CHANNEL 600V - 3.3ohm - 2.4A TO-220/FP/D2PAK/DPAK/IPAK Zener-Protected SuperMESH?┬ower MOSFET N-CHANNEL 600V - 3.3ohm - 2.4A TO-220/FP/D2PAK/DPAK/IPAK Zener-Protected SuperMESH⑩Power MOSFET N沟道600V 3.3ohm - 2.4 TO-220/FP/D2PAK/DPAK/IPAK齐保护的SuperMESH⑩功率MOSFET N-CHANNEL 600V - 3.3ohm - 2.4A TO-220/FP/D2PAK/DPAK/IPAK Zener-Protected SuperMESHPower MOSFET N-CHANNEL 600V - 3.3 OHM - 2.4A TO-220/TO-220FP/D2PAK/DPAK/IPAK ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 600V - 3.3ohm - 2.4A TO-220/FP/D2PAK/DPAK/IPAK Zener-Protected SuperMESH?Power MOSFET
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STD2NM60 STD2NM60-1 |
N-CHANNEL 600V - 2.8ohm - 2A DPAK/IPAK Zener-Protected MDmesh?Power MOSFET N-CHANNEL 600V - 2.8ohm - 2A DPAK/IPAK Zener-Protected MDmesh⑩Power MOSFET N-CHANNEL 600V - 2.8ohm - 2A DPAK/IPAK Zener-Protected MDmeshPower MOSFET
|
http:// STMICROELECTRONICS[STMicroelectronics] 意法半导
|
STGP7NB60F STGD7NB60FT4 STGD7NB60F |
14 A, 600 V, N-CHANNEL IGBT, TO-220AB Transient Surge Protection Thyristor; Thyristor Type:Sidac; Package/Case:MS-013; Reel Quantity:1500; Repetitive Reverse Voltage Max, Vrrm:58V; Capacitance:70pF; Forward Voltage:5V; Holding Current:120mA; Leakage Current:5uA RoHS Compliant: NA N-CHANNEL 7A 600V TO-220/DPAK POWERMESH IGBT N-CHANNEL 7A - 600V - T0-220 / DPAK PowerMESH IGBT
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STF6NM60N STP6NM60N STD6NM60N STD6NM60N-1 |
N-channel 600V - 0.85Ω - 4.6A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh Power MOSFET N-channel 600V - 0.85Ω - 4.6A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh?/a> Power MOSFET N-channel 600V - 0.85ヘ - 4.6A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh⑩ Power MOSFET
|
STMicroelectronics
|
STP5NK60ZFP STD5NK60Z STD5NK60ZT4 STP5NK60Z |
N-CHANNEL 600V - 1.2ohm - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESHPower MOSFET N沟道600V 1.2ohm - 5A条TO-220/TO-220FP/DPAK齐纳保护SuperMESH?功率MOSFET N-CHANNEL 600V - 1.2ohm - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH Power MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
STD5NM60-1 STP8NM60FP STD5NM60 STP8NM60 |
N-CHANNEL 600V - 0.9ohm - 8A TO-220/TO-220FP/DPAK/IPAK MDmesh?/a> Power MOSFET N-CHANNEL 600V - 0.9ohm - 8A TO-220/TO-220FP/DPAK/IPAK MDmesh Power MOSFET N-CHANNEL 600V - 0.9ohm - 8A TO-220/TO-220FP/DPAK/IPAK MDmesh⑩ Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STGD6NC60HDT4 STGD6NC60HD |
N-CHANNEL 6A - 600V DPAK Very Fast PowerMESH IGBT
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
STGP7NC60HD STGB7NC60HD STGB7NC60HDT4 STGF7NC60HD |
N-CHANNEL 14A - 600V - TO-220/TO-220FP/DPAK Very Fast PowerMESH IGBT N沟道14A - 600V TO-220/TO-220FP/DPAK非常IGBT的快速PowerMESH
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
STGB7NB60KD STGD7NB60K STGD7NB60KT4 STGP7NB60K STG |
N-CHANNEL 600V 7A TO-220/TO-220FP/DPAK/D2PAK POWERMESH IGBT
|
ST Microelectronics
|
STGD7NC60H STGP7NC60H STGD7NC60HT4 |
N-CHANNEL 14A - 600V TO-220/DPAK VERY FAST POWERMESH IGBT
|
STMICROELECTRONICS[STMicroelectronics]
|