PART |
Description |
Maker |
X24165SG-2.7 X24165GV X24165GG X24165GP X24165F X2 |
Advanced 2-Wire Serial E2PROM with Block LockTM Protection TRIAC,TMG3C60F,3A,600V TO-220F,THRUHOLE NON-ISOLATED TRIAC,TMG2D80D,2A,800V,TO-252 D PACK,SMD SENSITIVE GATE TRIAC,TMG2DQ60D,2A,600V,TO-252 D PACK,SMD (TJ=150 OCTRIAC) TRIAC,TMG3C60D,3A,600V,TO-252 D PACK,SMD STANDARDTRIAC TRIAC,TMG16D80F,16A,800V TO-220F,THRUHOLE ISOLATED TRIAC,TMG3CQ60D,3A,600V,TO-252 D PACK,SMD (TJ=150 OCTRIAC)
|
IC MICROSYSTEMS Sdn. Bhd.
|
PP300D060 |
POW-R-PAK 300A / 600V Half Bridge IGBT Assembly
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors]
|
PP1200D060 |
POW-R-PAK 1200A / 600V Half Bridge IGBT Assembly
|
Powerex Power Semicondu...
|
FQD11P06TF |
60V P-Channel QFET; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel 9.4 A, 60 V, 0.185 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-252
|
Fairchild Semiconductor, Corp.
|
FQD7N10TF FQD7N10TM |
5.8 A, 100 V, 0.35 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 100V N-Channel QFET; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel
|
FAIRCHILD SEMICONDUCTOR CORP
|
FS10ASH2 |
TRANSISTOR | MOSFET | N-CHANNEL | 100V V(BR)DSS | 10A I(D) | TO-252 晶体管| MOSFET的| N沟道| 100V的五(巴西)直| 10A条(丁)|252
|
Cypress Semiconductor, Corp.
|
STGB3NB60SD STGB3NB60SDT4 |
N-CHANNEL 3A - 600V D2PAK Power MESHIGBT N沟道3A 600V的D2PAK封装IGBT的电力网格⑩ Transient Surge Protection Thyristor; Package/Case:6-SOIC; Current, It av:2.2A; Reel Quantity:1500; Capacitance:100pF; Forward Current:5A; Forward Voltage:12V; Holding Current:100uA; Mounting Type:Surface Mount N沟道3A 600V的IGBT的采用D2PAK POWERMESH N-CHANNEL 3A - 600V D2PAK Power MESH IGBT N-CHANNEL 3A - 600V D2PAK POWERMESH IGBT N-CHANNEL 3A - 600V D2PAK Power MESH⑩ IGBT
|
ST Microelectronics STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
FDD5353 |
60V N-Channel Power Trench MOSFET; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel 11.5 A, 60 V, 0.0123 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 N-Channel Power Trench㈢ MOSFET 60V, 50A, 12.3mヘ N-Channel Power Trench? MOSFET 60V, 50A, 12.3mΩ
|
Fairchild Semiconductor, Corp.
|
|