PART |
Description |
Maker |
STP5NK60Z STP5NK60ZFP STD5NK60ZT4 STD5NK60Z STP5NK |
N-CHANNEL 600V - 1.2 OHM - 5A TO-220/TO-220FP/DPAK ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 600V - 1.2W - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH⑩Power MOSFET N-CHANNEL 600V - 1.2 OHM - 5A TO-220/TO-220FP/DPAK ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 600V - 1.2ohm - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESHPower MOSFET N-CHANNEL 600V - 1.2W - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH?⑿ower MOSFET N-CHANNEL 600V - 1.2W - 5A TO-220/TO-220FP/DPAK Zener-Protected SuperMESH?Power MOSFET
|
ST Microelectronics STMicroelectronics
|
STGB7NB60KD STGD7NB60K STGP7NB60K STGP7NB60KDFP ST |
N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK PowerMESH?/a> IGBT N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK PowerMESH⑩ IGBT (STGD7NB60K / STGP7NB60K / STGB7NB60KD) N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK PowerMESH IGBT N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK PowerMESHIGBT N沟道A - 600V IGBT的TO-220/FP/DPAK/D2PAK PowerMESH
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STD3NM60 STP4NM60 STD3NM60-1 8370 |
N-CHANNEL 600V - 1.3 OHM - 3A TO-220/DPAK/IPAK ZENER-PROTECTED MDMESH POWER MOSFET N-CHANNEL 600V - 1.3ohm - 3A TO-220/DPAK/IPAK Zener-Protected MDmesh⑩Power MOSFET N-CHANNEL 600V - 1.3 OHM - 3A TO-220/DPAK/IPAK ZENER-PROTECTED MDMESH POWER MOSFET From old datasheet system N-CHANNEL 600V - 1.3ohm - 3A TO-220/DPAK/IPAK Zener-Protected MDmesh?Power MOSFET
|
ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
STD1HNC60 |
N-CHANNEL 600V 4 OHM 2A DPAK/IPAK POWERMESH II MOSFET
|
SGS Thomson Microelectronics
|
STN1HNK60 STQ1HNK60R-AP 1HNK60 1HNK60R STD1NK60 ST |
N-CHANNEL 600V - 8 OHM - 1A DPAK/IPAK/TO-92/SOT-223 SUPERMESH MOSFET N-CHANNEL 600V - 8-ohm - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH-TM MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STD5NK60ZT4 |
N-CHANNEL 600V - 1.2 OHM - 5A TO-220/TO-220FP/DPAK ZENER-PROTECTED SUPERMESH POWER MOSFET
|
ST Microelectronics
|
NTD24N06L NTD24N06L-1 NTD24N06L-1G NTD24N06LG NTD2 |
Power MOSFET 24 Amps, 60 Volts, Logic Level N-Channel DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 24 A, 60 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 24Amps, 60Volts Logic Level N-Channel DPAK(24A, 60 V,逻辑电平,N通道,DPAK封装的功率MOSFET) Power MOSFET 24 Amps, 60 Volts Logic Level, N−Channel DPAK
|
ON Semiconductor
|
STU150N3LLH6 STD150N3LLH6 STP150N3LLH6 |
80 A, 30 V, 0.0045 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 N-channel 30 V, 0.0024 ohm , 80 A, DPAK, IPAK, TO-220
|
STMicroelectronics
|
STD35NF06 |
N-CHANNEL 60V 0.018 OHM 55A - DPAK - STRIPFET II POWER MOSFET N-CHANNEL 60V - 0.018ohm - 35A DPAK STripFETII MOSFET N-CHANNEL 60V - 0.018ohm - 35A DPAK STripFET⑩II MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
NTD78N03R-1G NTD78N03R |
Power MOSFET 25 V, 85 A,Single N-Channel, DPAK 11.3 A, 25 V, 0.009 ohm, N-CHANNEL, Si, POWER, MOSFET LEAD FREE, CASE 369D-01, DPAK-3
|
ON Semiconductor
|
STD11NM60N STF11NM60N STB11NM60N-1 STP11NM60N STD1 |
N-channel 600V - 0.37楼? - 10A - TO-220/FP- I/I2PAK - DPAK second generation MDmesh垄芒 Power MOSFET N-channel 600V - 0.37Ω - 10A - TO-220/FP- I/I2PAK - DPAK second generation MDmesh Power MOSFET N-channel 600V - 0.37Ω - 10A - TO-220/FP- I/I2PAK - DPAK second generation MDmesh?/a> Power MOSFET
|
STMicroelectronics
|