PART |
Description |
Maker |
STP9NK65ZFP STP9NK65Z |
N-CHANNEL 650V - 1ohm - 7A TO-220/TO-220FP Zener-Protected SuperMESH?Power MOSFET N-CHANNEL 650V - 1ohm - 7A TO-220/TO-220FP Zener-Protected SuperMESH⑩Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STP14NF06 STP14NF10 |
N-CHANNEL 60V 0.1 OHM 14A TO-220 STRIPFET POWER MOSFET N-CHANNEL 60V - 0.1ohm - 14A TO-220 STripFET?/a> POWER MOSFET N-CHANNEL 60V - 0.1ohm - 14A TO-220 STripFET POWER MOSFET N-CHANNEL 60V - 0.1ohm - 14A TO-220 STripFET⑩ POWER MOSFET N-CHANNEL Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STQ1NC45R |
N-CHANNEL 450V 4.1OHM 1.5A IPAK/TO-92 SUPERMESH POWER MOSFET
|
ST Microelectronics
|
STP9NK70ZFP STW9NK70Z STB9NK70Z-1 STB9NK70ZFP STB9 |
N-CHANNEL 700V 1 OHM 7.5A TO-220/TO-220FP/D2PAK/I2PAK/TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 700V 1 OHM 7.5A TO-220/TO-220FP/D2PAK/I2PAK/TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 700V - 1ohm - 7.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?Power MOSFET N-CHANNEL 700V - 1ohm - 7.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH⑩Power MOSFET N沟道高达700V - 1ohm - 7.5A的TO-220/FP/D2PAK/I2PAK/TO-247齐保护的SuperMESH⑩功率MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
STGB3NB60SD STGB3NB60SDT4 |
N-CHANNEL 3A - 600V D2PAK Power MESHIGBT N沟道3A 600V的D2PAK封装IGBT的电力网格⑩ Transient Surge Protection Thyristor; Package/Case:6-SOIC; Current, It av:2.2A; Reel Quantity:1500; Capacitance:100pF; Forward Current:5A; Forward Voltage:12V; Holding Current:100uA; Mounting Type:Surface Mount N沟道3A 600V的IGBT的采用D2PAK POWERMESH N-CHANNEL 3A - 600V D2PAK Power MESH IGBT N-CHANNEL 3A - 600V D2PAK POWERMESH IGBT N-CHANNEL 3A - 600V D2PAK Power MESH⑩ IGBT
|
ST Microelectronics STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
FQU1N60C FQD1N60C FQD1N60CTF FQD1N60CTM FQU1N60CTU |
600V N-Channel Advance QFET C-Series 600V N-Channel MOSFET From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
STB4NC60 8256 STB4NC60T4 |
INTEGRATED EC000 MPU N沟道600V 1.8ohm - 4.2A D2PAK封装MOSFET的第二PowerMesh N-CHANNEL 600V - 1.8ohm - 4.2A D2PAK PowerMesh?II MOSFET N-CHANNEL 600V 1.8 OHM 4.2A D2PAK POWERMESH II MOSFET From old datasheet system N-CHANNEL 600V - 1.8ohm - 4.2A D2PAK PowerMesh⑩II MOSFET N-CHANNEL 600V 1.8 OHM 4.2A D2PAK POWERMESH II MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
FCA16N60N |
600V N-Channel MOSFET SupreMOS™; 3-TO-3PN 16 A, 600 V, 0.199 ohm, N-CHANNEL, Si, POWER, MOSFET N-Channel MOSFET 600V, 16A, 0.170W
|
Fairchild Semiconductor, Corp.
|
STGP7NB60FD STGB7NB60FD STGB7NB60FDT4 |
N-CHANNEL 7A 600V TO-220/D2PAK POWERMESH IGBT N-CHANNEL 7A - 600V TO-220 / D2PAK PowerMESH IGBT N沟道A - 600V 220 / D2PAK封装PowerMESHIGBT (STGP7NB60FD / STGB7NB60FD) N-CHANNEL 7A - 600V TO-220 / D2PAK PowerMESH IGBT 14 A, 600 V, N-CHANNEL IGBT, TO-220AB
|
STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V. ST Microelectronics
|
IRFBC30AS IRFBC30L IRFBC30AL IRFBC30ASTRL IRFBC30A |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=600V/ Rds(on)max=2.2ohm/ Id=3.6A) 600V,3.6A,N-Channel HEXFET Power MOSFET for SMPS(600V,3.6A,N沟道 HEXFET 功率MOS场效应管,用于开关模式电 Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A) 功率MOSFET(减振钢板基本\u003d 600V电压的Rds(on)最大值\u003d 2.2ohm,身份证\u003d 3.6A
|
IRF[International Rectifier] International Rectifier, Corp.
|
HGT1S12N60B3DS HGTP12N60B3D HGTG12N60B3D FN4411 |
27A, 600V, UFS Series N-Channel IGBTs with Anti-Parallel Hyperfast Diode(27A, 600V, UFS系列带超快二极管 N沟道绝缘栅双极型晶体 27 A, 600 V, N-CHANNEL IGBT, TO-263AB From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|