PART |
Description |
Maker |
TS1909 |
MicroPower VFM Boost DC to Dc Converter
|
Taiwan Semiconductor Company, Ltd
|
RN5RK1A RN5RK301A RN5RK301A-TL RN5RK301A-TR RN5RK3 |
VFM step-up DC/DC converter. Output voltage 3.2V. Internal Lx Tr. driver. Duty cycle 77%. Standard taping type TR VFM step-up DC/DC converter. Output voltage 3.1V. EXternal Tr. driver. Duty cycle 77%. Standard taping type TR VFM step-up DC/DC converter. Output voltage 3.1V. Internal Lx Tr. driver. Duty cycle 55%. Standard taping type TR VFM step-up DC/DC converter. Output voltage 3.1V. Internal Lx Tr. driver. Duty cycle 77%. Standard taping type TR VFM step-up DC/DC converter. Output voltage 3.3V. EXternal Tr. driver. Duty cycle 77%. Standard taping type TR VFM Set-up DC/DC Converter SOT-23-5 VFM STEP-UP DC/DC CONVERTER VFM step-up DC/DC converter. Output voltage 3.3V. EXternal Tr. driver. Duty cycle 77%. Taping type TL VFM step-up DC/DC converter. Output voltage 3.1V. Internal Lx Tr. driver. Duty cycle 77%. Taping type TL VFM step-up DC/DC converter. Output voltage 3.1V. Internal Lx Tr. driver. Duty cycle 55%. Taping type TL VFM step-up DC/DC converter. Output voltage 3.1V. EXternal Tr. driver. Duty cycle 77%. Taping type TL VFM step-up DC/DC converter. Output voltage 3.2V. Internal Lx Tr. driver. Duty cycle 77%. Taping type TL
|
RICOH[RICOH electronics devices division]
|
RT9261B-15CB RT9261B-31CB RT9261B-15CX RT9261B-16C |
VFM STEP UP DC/DC CONVERTER
|
ETC
|
R1225N |
PWM/VFM step-down DC/DC Converter
|
RICOH electronics devices division
|
PT1101E23E-10 |
PWM/VFM Step-down DC-DC Controller
|
PowTech
|
R1234D131A R1234D261A R1234D261B R1234D201A R1234D |
PWM/VFM Step-Down DC/DC CONVERTER with Synchronous Rectifier
|
RICOH electronics devices division
|
R1234D231A |
PWM/VFM Step-Down DC/DC CONVERTER with Synchronous Rectifier 脉宽调制/ VFM的降压型DC / DC同步整流变换
|
Ricoh Co., Ltd.
|
MAX9051 MAX9039 MAX9041 MAX9052 MAX9042 MAX9053 MA |
4-Bit Binary Full Adders With Fast Carry 16-CFP -55 to 125 "SOT23, Micropower Comparator plus Precision 2.5V Refenece" " Micropower, Comparator and Reference in UCSP" "SOT23, Micropower Comparator plus Precision 2.048V Refenece" " SOT23, Micropower Comparator plus Precision 2.5V Refenece" "Dual, Micropower Comparator plus Precision 2.048V Refenece" Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
LX1004CLP-25 LX1004 LX1004CDM-12 LX1004CDM-25 LX10 |
1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 1.2V & 2.5V MICROPOWER VOLTAGE REFERENCES 1.2V 1.2V & 2.5V MICROPOWER VOLTAGE REFERENCES Voltage Reference - Micropower Analog IC 模拟IC
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp. MICROSEMI[Microsemi Corporation] 3M Company
|
ADM663 ADM663A ADM663AAN ADM663AAR ADM666A ADM666A |
Tri-Mode: 3.3 V 5 V Adjustable Micropower Linear Voltage Regulators(332.03 k) Tri-Mode: 3.3 V. 5 V. Adjustable Micropower Linear Voltage Regulators 三模式:3.3五,调节微功率线性稳压器 Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators 三模式:3.3伏,5伏,可调微功耗线性稳压器 Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulators FIXED/ADJUSTABLE POSITIVE REGULATOR, PDSO8 Tri-Mode: 3.3 V/ 5 V/ Adjustable Micropower Linear Voltage Regulators Tri-Mode: 3.3 V, 5 V, Adjustable Micropower Linear Voltage Regulator Featuring Additional Low Battery Monitoring Circuitry
|
Analog Devices, Inc. AD[Analog Devices]
|
APE2901Y5-29 APE2901G-29 APE2901N-29 APE2901N-50 A |
SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, PDSO5 LEAD FREE, SOT-23, 5 PIN SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, PSSO3 LEAD FREE, SOT-89, 3 PIN SWITCHING REGULATOR, 150 kHz SWITCHING FREQ-MAX, PDSO3 LEAD FREE, SOT-23, 3 PIN MICROPOWER VFM STEP-UP DC/DC Converter
|
Advanced Power Electronics, Corp. Advanced Power Electronics Corp.
|
AME8510AEEVAFE22 AME8510AEEVBFX23 AME8510AEEVCFX23 |
Threshold voltage: 2.19V; micropower uP watch dog timer Threshold voltage: 2.32V; micropower uP watch dog timer Threshold voltage: 2.63V; micropower uP watch dog timer Threshold voltage: 2.93V; micropower uP watch dog timer Threshold voltage: 4.63V; micropower uP watch dog timer Threshold voltage: 4.38V; micropower uP watch dog timer Threshold voltage: 3.08V; micropower uP watch dog timer
|
AME
|