PART |
Description |
Maker |
SC16C752IB48 SC16C752 |
Dual UART with 64-byte FIFO
|
PHILIPS[Philips Semiconductors]
|
SC16C752IB48 |
SC16C752; Dual UART with 64-byte FIFO
|
Philips
|
XR16C2850_05 XR16C2850 XR16C2850CJ XR16C2850CM XR1 |
2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
|
EXAR[Exar Corporation]
|
XR16C285005 XR16C2850CM-F |
2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
|
Exar Corporation
|
SC16C2550BIBS SC16C2550B07 SC16C2550BIA44 SC16C255 |
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
|
Philips Semiconductors NXP Semiconductors
|
SC16C2552 SC16C2552IA44 |
Dual UART with 16-byte transmit and receive FIFOs
|
Philips Semiconductors
|
SC68C2550B |
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs and Motorola uP interface
|
Philips
|
SC16C752BIBS128 SC16C752BIBS151 SC16C752BIBS157 |
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs; Package: SOT617-1 (HVQFN32); Container: Reel Pack, SMD, 13", Turned 2 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQCC32 5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs; Package: SOT617-1 (HVQFN32); Container: Tray Pack, Bakeable, Single 2 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQCC32 5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs; Package: SOT617-1 (HVQFN32); Container: Tray Pack, Bakeable, Multiple 2 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQCC32
|
NXP Semiconductors N.V.
|
16C2850 XR16C2850CP XR16C2850CM XR16C2850IP XR16C2 |
DUAL UART WITH 128-byte FIFOs AND RS-485 HALF DUPLEX CONTROL
|
Exar
|
SC16C852V SC16C852VIBS SC16C852VIET |
Dual UART with 128-byte FIFOs, IrDA, and XScale VLIO bus interface
|
NXP Semiconductors N.V.
|
SC68C752BIB48 SC68C752BIBS SC68C752BIB48128 SC68C7 |
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and Motorola uP interface; Package: SOT617-1 (HVQFN32); Container: Reel Pack, SMD, 13", Turned 2 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQCC32 5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and Motorola uP interface; Package: SOT313-2 (LQFP48); Container: Reel Pack, SMD, 13", Turned 2 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQFP48
|
NXP Semiconductors N.V.
|
|