PART |
Description |
Maker |
74VHC16 74VHC164MTCXNL 74VHC164MXNL 74VHC164MT 74V |
Quadruple 2-Input Positive-NOR Gates 14-TSSOP -40 to 85 AHC/VHC/H/U/V SERIES, 8-BIT RIGHT SERIAL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, PDSO14 8-Bit Serial-In, Parallel-Out Shift Register 8-Bit Serial-In Parallel-Out Shift Register
|
Fairchild Semiconductor, Corp. http:// FAIRCHILD[Fairchild Semiconductor]
|
HC164 SL74HC164 SL74HC164D SL74HC164N 74HC164 |
8-Bit Serial-Input/Parallel-Output8-Bit Serial-Input/Parallel-Output Shift Register
|
SLS[System Logic Semiconductor]
|
SL74HC166 SL74HC166D SL74HC166N SL74HC166H |
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register 8-bit serial or parallel-input/serial-output shift register. High-performance silicon-gate CMOS.
|
System Logic Semiconduc... SLS[System Logic Semiconductor]
|
74F676PC 74F676SC 74F676SPC 74F676 |
SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 5 A, Pin Plunger Actuator, Solder Termination F/FAST SERIES, 16-BIT RIGHT PARALLEL IN SERIAL OUT SHIFT REGISTER, TRUE OUTPUT, PDIP24 16-Bit Serial/Parallel-In / Serial-Out Shift Register 16-Bit Serial/Parallel-In, Serial-Out Shift Register
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IN74HC597N |
8-bit serial or parallel-input/serial-output shift register with input latch, high-performance silicon-gate CMOS
|
INTEGRAL
|
CD4015BDTR CD4015BKTR CD4015BT 5962R9662401TXC 596 |
CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output(串行输入并行输出的CMOS 双四阶静态移位寄存器) CMOS级静态移位寄存器在串行输并行输出(串行输入并行输出的的CMOS双四阶静态移位寄存器 CMOS Dual 4-Stage Static Shift Register With Serial Input/Parallel Output 4000/14000/40000 SERIES, 4-BIT RIGHT SERIAL IN PARALLEL OUT SHIFT REGISTER, TRUE OUTPUT, CDFP16
|
Intersil Corporation Intersil, Corp.
|
MC54HC589A MC54_74HC589A ON1481 |
8-Bit Serial or Parallel-Input/Serial-Output Shift Register with 3-State Output 8-BIT SERLAL OR PARALLEL-INPUT/SERIAL-OUTPUT SHIFT REGISTER WITH 3-STATE OUTPUT From old datasheet system
|
MOTOROLA[Motorola Inc] ON Semi
|
MC74HC165A ON1369 |
8-BIT SERIAL OR PARALLEL-INPUT/SERIAL-OUTPUT SHIFT REGISTER From old datasheet system
|
ON Semi
|
KK74HC165AD KK74HC165AN KK74HC165A |
8-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS
|
KODENSHI KOREA CORP.
|
SY100E446JZ |
4-BIT PARALLEL-TO-SERIAL CONVERTER 100E SERIES, 4-BIT RIGHT PARALLEL IN SERIAL OUT SHIFT REGISTER, COMPLEMENTARY OUTPUT, PQCC28
|
Micrel Semiconductor, Inc.
|