PART |
Description |
Maker |
RC5061 RC5061M RC5061MT |
High Performance Programmable Synchro0us DC-DC Controller for Multi-Voltage Platforms From old datasheet system High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
AT90SC19236R AT90SC19236RT |
Low-power, High performance 8-bit/16-bit secure microcontroller with 192K Byte ROM, 36K Byte EEPROM programmable internal oscillator. Security Features: MMU, MED, OTP (one time programmable) EEPROM area, RN (Random Number Generator), "out High-performance, Low-power secureAVR?Enhanced RISC architecture. SECURE MICROCONTROLLER FOR SMART CARDS
|
ATMEL Corporation
|
RC5057 RC5057M RC5057MT |
ProHigh Performance Programmable Synchro0us DC-DC Controller for Low Voltage Microprocessors From old datasheet system High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
|
FAIRCHILD[Fairchild Semiconductor]
|
EPM3128A EPM3064ATI44-10N EPM3512AQI208-10 EPM3064 |
Programmable Logic Device Family High?performance, low?cost CMOS EEPROM?based programmable Built?in boundary-scan test circuitry compliant with
|
Altera Corporation
|
MACH111-5 MACH111-12 MACH111-7 |
High-Performance EE CMOS Programmable Logic High-Performance EE CMOS Programmable Logic 高性能电子工程CMOS可编程逻辑
|
Advanced Micro Devices, Inc.
|
MACH120-12 MACH120-12JC MACH120-15JC |
High-Performance EE CMOS Programmable Logic
|
LATTICE[Lattice Semiconductor]
|
IS82C37A CS82C37A CS82C37A-12 CS82C37A-5 5962-9054 |
CMOS High Performance Programmable DMA Controller RECTIFIER BRIDGE 10A 100V BR-6 高性能的CMOS可编程DMA控制 CMOS High Performance Programmable DMA Controller 4 CHANNEL(S), 12.5 MHz, DMA CONTROLLER, CDIP40 CMOS High Performance Programmable DMA Controller 4 CHANNEL(S), 12.5 MHz, DMA CONTROLLER, UUC40 DIODE SCHOTTKY DUAL-DUAL COMMON-CATHODE 25V 200mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-363 3K/REEL 4 CHANNEL(S), 12.5 MHz, DMA CONTROLLER, PDIP40 CMOS High Performance Programmable DMA Controller 高性能的CMOS可编程DMA控制 DIODE SCHOTTKY DUAL ISOLATED 25V 200mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-363 3K/REEL DIODE SCHOTTKY DUAL SERIES 25V 150mW 0.32V-vf 200mA-IFM 1mA-IF 2uA-IR SOT-523 3K/REEL Triple 3-input positive-NAND gates 14-PDIP 0 to 70 RECTIFIER BRIDGE 10A 800V BR-6 RECTIFIER BRIDGE 10A 1000V BR-6 From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
FAN5070 |
High Performance Programmable Synchronous DC-DC Controller From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
KK4541B KK4541BD KK4541BN |
Programmable Timer High-Performance Silicon-Gate CMOS
|
KODENSHI KOREA CORP.
|
ICS2572 ICS2572M ICS2572N |
User-Programmable Dual High-Performance Clock Generator
|
ICST[Integrated Circuit Systems]
|
HS1-82C37ARH-SAMPLE HS9-82C37ARH_SAMPLE HS1-82C37A |
Radiation Hardened CMOS High Performance Programmable DMA Controller
|
Harris Semiconductor HARRIS[Harris Corporation] Intersil Corporation
|