PART |
Description |
Maker |
PAC470RGQ/R PAC560RGQ/R PAC500RGQ/T PAC470RGQ/T PA |
P/ACTIVE HIGH PERFORMANCE GTL/ECL LOCAL TERMINATION NETWORK P /主动高性能的GTL / ECL本地终端网络
|
California Micro Devices Corporation
|
74GTL1655A 74GTL1655ATTR |
16 BIT LVTTL TO GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
|
STMicroelectronics
|
GTL1655DGG GTL1655DGG-T NXPSEMICONDUCTORS-GTL1655D |
16-bit LVTTL-to-GTL/GTL bus transceiver with live insertion
|
NXP Semiconductors N.V.
|
AS1905C23-T |
150nA, push-pull Active-High; Package Type: SOT23-3; Reset Type: Active-High; Timeout Period: 100,00; Supervised Voltages (IN1): 2,32
|
Austriamicrosystems AG
|
A3195EU A3195LLT 3195 A3195LU A3195 A3195ELT |
PROTECTED, HIGH-TEMPERATURE, HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN 保护,高温,霍尔效应锁存主动下拉 SENSOR IC CAC ANALOG OUT 8-DIP PROTECTED. HIGH-TEMPERATURE. HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN Protected,High-Temperature,Oper-Collector Hall-Effect Latch(保护型,工作于高温,霍尔效应锁存器( PROTECTED/ HIGH-TEMPERATURE/ HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN PROTECTED HIGH-TEMPERATURE HALL-EFFECT LATCH WITH ACTIVE PULL-DOWN From old datasheet system
|
Allegro MicroSystems, Inc. ALLEGRO[Allegro MicroSystems]
|
AS7C256 AS7C256-10 AS7C256-10JC AS7C256-10PC AS7C2 |
ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 35 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 高性能32Kx8 CMOS SRAM High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDIP28
|
ETC[ETC] ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Alliance Semiconductor ...
|
MMSZ5255B MMSZ5244B |
3.08V uP Supervisory Circuit with Active High and Active Low Complementary outputs, Pb-Free Device; Package: Micro8™; No of Pins: 8; Container 5% TOLERANCE
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FM809 FM810SP3X FM810LS3X FM809TP3X FM809LP3 FM809 |
3-Pin UC Supervisor Circuits 2.63V, Active High Precision Reset Generator Circuit 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 3-Pin μC Supervisor Circuits 3-Pin レC Supervisor Circuits 2.93V, Active High Precision Reset Generator Circuit 4.63V, Active High Precision Reset Generator Circuit 3.08V, Active Low Precision Reset Generator Circuit 2.63V, Active Low Precision Reset Generator Circuit 3.08V, Active High Precision Reset Generator Circuit
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
EP9604-32-RC EP9604-44-RC EP9604-440 EP9604-440-RC |
ACTIVE DELAY LINE, TRUE OUTPUT, PDIP8 5 Tap High Speed CMOS (HCT) Compatible Active Delay Lines
|
PCA ELECTRONICS INC.
|
AD53032 AD53032JSTP |
Silver Mica Capacitor; Capacitance:12pF; Capacitance Tolerance: /- 5%; Series:CD17; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.9mm; Leaded Process Compatible:Yes RoHS Compliant: Yes High Performance Driver/Comparator Active Load on a Single Chip DRIVER/COMPARATOR/LOAD: A Single Chip that Performs the Pin Electronics Functions of Driver, Comparator and Active Load in ATE VLSI and Memory Testers
|
Analog Devices, Inc. AD[Analog Devices]
|
ADG406 ADG407 ADG407BN ADG407BCHIPS |
8-/16-Channel High Performance Analog Multiplexers(16通道高性能模拟多路复用 8-/16-Channel高性能模拟多路复用器(16通道高性能模拟多路复用器) LC2MOS 8-/16-Channel High Performance Analog Multiplexers 8-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDIP28 LC2MOS 15 V, 8 Channel, High Performance Analog Multiplexer LC2MOS 15V 16 Channel High Performance Analog Multiplexer LC2MOS ± 15 V, 8 Channel, High Performance Analog Multiplexer
|
Analog Devices, Inc.
|